Electronic Components Datasheet Search
  English  ▼

X  

AD82178 Datasheet(PDF) 39 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82178
Description  2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82178 Datasheet(HTML) 39 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82178 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 41Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 42Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 43Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
ESMT
AD82178
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Jul. 2024
Revision: 1.3
39/90
 Address 0X0C : State control 4
The AD82178 provides several DSP setting as following.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
SRBP
Surround bypass
0
Surround enable
1
Surround bypass
B[6]
SRS_dly
Surround Delay
0
No Delay
1
Delay 1 Fs
B[5]
PWM_768K_EN
PWM switching rate
0
384KHz
1
768KHz
B[4]
ZDE
Automatic zero
detection mute enable
0
Zero detection disable
1
Zero detection enable
B[3]
EQL
EQ Link
0
Each channel uses individual EQ
1
Channel-2 uses channel-1 EQ
B[2]
PSL
Post-scale link
0
Each channel uses individual
post-scale
1
Use channel-1 post-scale
B[1]
Reserved
B[0]
HPB
DC blocking HPF
bypass
0
HPF dc enable
1
HPF dc bypass



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com