Electronic Components Datasheet Search
  English  ▼

X  

AD82178 Datasheet(PDF) 46 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82178
Description  2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82178 Datasheet(HTML) 46 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82178 Datasheet HTML 42Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 43Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 44Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 45Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 46Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 47Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 48Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 49Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 50Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 90 page
background image
ESMT
AD82178
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Jul. 2024
Revision: 1.3
46/90
 Address 0X1C: State control 7
The I
2C device number can select 2 or 4 address in B[7].
The ERROR pin of AD82178 is a dual function pin. It is treated as a I
2C device address selection input
when B[6] is set as low. It will become as an ERROR output pin when B[6] is set as high.
AD82178 can turn on delta quaternary modulation via bit 5.
AD82178 provide 2 kind of fade in/out speed via bit 2. One is 1.25ms from mute to 0dB. The other one is
10ms from mute to 0dB.
AD82178 provide noise gate function if receiving 2048 signal sample points smaller than noise gate attack
level. User can change noise gate gain via bit1~ bit0. When noise gate function occurs, input signal will
multiply noise gate gain (x1/8, x1/4 x1/2, x0). User can select fade out or not via bit 4.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7]
DEV_NUM
Device address
number
0
2 address
1
4 address
B[6]
A_SEL_FAULT
I
2C address selection
or ERROR output
0
I
2C device address
selection
1
ERROR output
B[5]
D_MOD
Delta quaternary
modulation
0
Disable
1
enable
B[4]
DIS_NG_FADE Disable noise gate fade
0
Fade
1
No fade
B[3]
QD_EN
Quaternary and delta
quaternary switching
0
Disable
1
enable
B[2]
FADE_SPEED
Fade in/out speed
selection
0
1.25ms
1
10ms
B[1:0]
NG_GAIN[1:0]
Noise gate gain
00
x1/8
01
x1/4
10
x1/2
11
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com