Electronic Components Datasheet Search
  English  ▼

X  

AD82178 Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82178
Description  2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82178 Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82178 Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
ESMT
AD82178
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Jul. 2024
Revision: 1.3
21/90
finished, AD82178 will turn off the power stages, clock signals (for digital circuits) and current (for analog
circuits). After PD pin is pulled low, AD82178 requires Tfade to finish the forementioned work before entering
power down state. User can not program AD82178 during power down state. Also, all settings in the
registers will remain intact unless DVDD is removed.
If the PD signal is removed during the fade-out procedure (above, right figure), AD82178 will still execute the
fade-in procedure. In addition, AD82178
will establish the analog circuits’ bias current and send the clock
signals to digital circuits. Afterwards, AD82178 will return to its normal status.
 Self-protection circuits
AD82178 has built-in protection circuits including thermal, short-circuit, under-voltage detection, and over
voltage circuits.
(i) When the internal junction temperature is higher than 160℃, power stages will be turned off and
AD82178 will return to normal operation once the temperature drops to 125℃. The temperature values
may vary around 10%.
(ii) The short-circuit protection circuit protects the output stage when the wires connected to loudspeakers
are shorted to each other or GND/VDD. For normal 24V operations, the current flowing through the
power stage will be less than 8A
for stereo configuration. Otherwise, the short-circuit detectors may pull
the ERROR pin to DGND, disabling the output stages. When the over-temperature or short-circuit
condition occurs, the open-drain ERROR pin will be pulled low and latched into ERROR state.
Once short-circuit condition is removed, AD82178 will exit ERROR state when one of the following
conditions is met: (1) PD pin is pulled low, (2) Master mute is enabled through the I
2C interface.
(iii) Once the DVDD voltage is lower than 1.35V when address0x00 B[1] = 0, AD82178 will turn off its
loudspeaker power stages and reset. When DVDD becomes higher than 1.5V, AD82178 will return to
normal operation.
(iv) Once the PVDD voltage is higher than 29.5V, AD82178 will turn off its loudspeaker power stages. When
PVDD becomes lower than 28.5V, AD82178 will return to normal operation.
(v) Once the PVDD voltage is lower than 3.8V when address0x1B B[2:0] = 000, AD82178 will turn off its
loudspeaker power stages. When PVDD becomes higher than 4.2V, AD82178 will return to normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com