Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # S70GL02GS
Description  2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S70GL02GS Datasheet(HTML) 4 Page - Infineon Technologies AG

  S70GL02GS Datasheet HTML 1Page - Infineon Technologies AG S70GL02GS Datasheet HTML 2Page - Infineon Technologies AG S70GL02GS Datasheet HTML 3Page - Infineon Technologies AG S70GL02GS Datasheet HTML 4Page - Infineon Technologies AG S70GL02GS Datasheet HTML 5Page - Infineon Technologies AG S70GL02GS Datasheet HTML 6Page - Infineon Technologies AG S70GL02GS Datasheet HTML 7Page - Infineon Technologies AG S70GL02GS Datasheet HTML 8Page - Infineon Technologies AG S70GL02GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Datasheet
4
001-98296 Rev. *L
2023-08-11
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Input/output description and logic symbol
1
Input/output description and logic symbol
Table 1 identifies the input and output package connections provided on the device.
Table 1
Input/output description
Symbol
Type
Description
A26–A0
Input
Address lines for GL02GS.
DQ15–DQ0
I/O
Data input/output.
CE#
Input
Chip Enable.
OE#
Input
Output Enable.
WE#
Input
Write Enable.
VCC
Supply
Device power supply.
VIO
Supply
Versatile IO input.
VSS
Supply
Ground.
RY/BY#
Output
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or
complete. At VIL, the device is actively erasing or programming. At High Z, the
device is in ready.
RESET#
Input
Hardware Reset. LOW = device resets and returns to reading array data.
WP#
Input
Write Protect/Acceleration Input. At VIL, disables program and erase functions in
the outermost sectors. At VHH, accelerates programming; automatically places
device in unlock bypass mode. Should be at VIH for all other conditions.
NC
No Connect
Not Connected. No device internal signal is connected to the package connector
nor is there any future plan to use the connector for a signal. The connection may
safely be used for routing space for a signal on a printed circuit board (PCB).
DNU
Reserved
Do Not Use. A device internal signal may be connected to the package connector.
The connection may be used by Infineon for test or other purposes and is not
intended for connection to any host system signal. Any DNU signal related
function will be inactive when the signal is at VIL. The signal has an internal
pull-down resistor and may be left unconnected in the host system or may be tied
to VSS. Do not use these connections for PCB signal routing channels. Do not
connect any host system signal to these connections.
RFU
No Connect
Reserved for Future Use. No device internal signal is currently connected to the
package connector but there is potential future use for the connector for a signal.
It is recommended to not use RFU connectors for PCB routing channels so that the
PCB may take advantage of future enhanced features in compatible footprint
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com