Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # S70GL02GS
Description  2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S70GL02GS Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button S70GL02GS Datasheet HTML 16Page - Infineon Technologies AG S70GL02GS Datasheet HTML 17Page - Infineon Technologies AG S70GL02GS Datasheet HTML 18Page - Infineon Technologies AG S70GL02GS Datasheet HTML 19Page - Infineon Technologies AG S70GL02GS Datasheet HTML 20Page - Infineon Technologies AG S70GL02GS Datasheet HTML 21Page - Infineon Technologies AG S70GL02GS Datasheet HTML 22Page - Infineon Technologies AG S70GL02GS Datasheet HTML 23Page - Infineon Technologies AG S70GL02GS Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Datasheet
21
001-98296 Rev. *L
2023-08-11
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Ordering information
12
Ordering information
12.1
Recommended combinations
Recommended combinations table below list various configurations planned to be available in volume. Table 13
will be updated as new combinations are released. Contact your local Infineon sales representative to confirm
availability of specific configuration not listed or to check on newly released combinations.
Table 14 lists configurations that are automotive grade / AEC-Q100 qualified and are planned to be available in
volume. The table will be updated as new combinations are released. Consult your local sales representative to
confirm availability of specific combinations and to check on newly released combinations.
Production part approval process (PPAP) support is only provided for AEC-Q100 grade products.
Products to be used in end-use applications that require ISO/TS-16949 compliance must be AEC-Q100 grade
products in combination with PPAP. Non–AEC-Q100 grade products are not manufactured or documented in full
compliance with ISO/TS-16949 requirements.
AEC-Q100 grade products are also offered without PPAP support for end-use applications that do not require
ISO/TS-16949 compliance.
Table 13
S29GL-S valid combinations
Base OPN
Speed
(ns)
Package and
temperature
Model
number
Packing type
Ordering part number
(yy = Model number,
x = Packing type)
S70GL02GS
110
FHI, FHV [18]
01, 02
0, 3 [19]
S70GL02GS11FHI01x
S70GL02GS11FHI02x
S70GL02GS11FHV01x
S70GL02GS11FHV02x
120
V1, V2
S70GL02GS12FHIV1x
S70GL02GS12FHIV2x
S70GL02GS12FHVV1x
S70GL02GS12FHVV2x
Table 14
Valid combinations — automotive grade / AEC-Q100
Base OPN
Speed
(ns)
Package and
temperature
Model
number
Packing type
Ordering part number
(yy = Model Number,
x = Packing Type)
S70GL02GS
110
FHA, FHB [18]
01, 02
0, 3 [19]
S70GL02GS11FHA01x
S70GL02GS11FHA02x
S70GL02GS11FHB01x
S70GL02GS11FHB02x
120
V1, V2
S70GL02GS12FHAV1x
S70GL02GS12FHAV2x
S70GL02GS12FHBV1x
S70GL02GS12FHBV2x
Notes
18.BGA package marking omits leading “S70” and packing type designator from ordering part number.
19.Packing Type “0” is standard option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com