Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # S70GL02GS
Description  2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S70GL02GS Datasheet(HTML) 1 Page - Infineon Technologies AG

  S70GL02GS Datasheet HTML 1Page - Infineon Technologies AG S70GL02GS Datasheet HTML 2Page - Infineon Technologies AG S70GL02GS Datasheet HTML 3Page - Infineon Technologies AG S70GL02GS Datasheet HTML 4Page - Infineon Technologies AG S70GL02GS Datasheet HTML 5Page - Infineon Technologies AG S70GL02GS Datasheet HTML 6Page - Infineon Technologies AG S70GL02GS Datasheet HTML 7Page - Infineon Technologies AG S70GL02GS Datasheet HTML 8Page - Infineon Technologies AG S70GL02GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
001-98296 Rev. *L
www.infineon.com
page 1
2023-08-11
S70GL02GS
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
General description
The S70GL02GS 2-Gb MIRRORBIT™ flash memory device is fabricated on 65-nm MIRRORBIT™ process technology.
This device offers a fast page access time of 25 ns with a corresponding random access time of 110 ns. It features
a write buffer that allows a maximum of 256 words/512 bytes to be programmed in one operation, resulting in
faster effective programming time than standard single byte/word programming algorithms. This makes the
device an ideal product for today’s embedded applications that require higher density, better performance and
lower power consumption.
This document contains information for the S70GL02GS device, which is a dual die stack of two S29GL01GS die.
For detailed specifications, please refer to the discrete die datasheet.
Distinctive characteristics
• CMOS 3.0 V core with Versatile I/O™
• Two 1024 Megabit (S29GL01GS) in a single 64-ball Fortified-BGA package (see S29GL01GS datasheet for full
specifications)
• 65-nm MIRRORBIT™ process technology
• Single supply (VCC) for read / program / erase (2.7 V to 3.6 V)
•Versatile I/O feature
- Wide I/O voltage (VIO): 1.65 V to VCC
• ×16 data bus
• 16-word/32-byte page read buffer
• 512-byte programming buffer
- Programming in page multiples, up to a maximum of 512 bytes
• Sector erase
- Uniform 128-KB sectors
- S70GL02GS: two thousand forty-eight sectors
• Suspend and Resume commands for Program and Erase operations
• Status Register, data polling, and Ready/Busy pin methods to determine device status
• Advanced sector protection (ASP)
- Volatile and non-volatile protection methods for each sector
• Separate 1024-bye one time program (OTP) array with two lockable regions
- Available in each device Support for common flash interface (CFI)
•WP# input
- Protects first or last sector, or first and last sectors of each device, regardless of sector protection settings
Document
Document number
S29GL01GS datasheet
001-98285


Similar Part No. - S70GL02GS

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
More results

Similar Description - S70GL02GS

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29WS-P SPANSION-S29WS-P_07 Datasheet
3Mb / 94P
MirrorBit짰 Flash Family 512/256/128 Mb (32/16/8 M x 16 bit) 1.8 V Burst Simultaneous Read/Write MirrorBit Flash Memory
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
logo
Cypress Semiconductor
S70GL02GT CYPRESS-S70GL02GT Datasheet
1Mb / 20P
2-Gbit (256-Mbyte) 3.0V Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
S79FL256S CYPRESS-S79FL256S Datasheet
2Mb / 111P
256 Mbit (32 MB)/512 Mbit (64 MB), 3 V, Dual-Quad SPI Flash
S29GL01GP CYPRESS-S29GL01GP Datasheet
910Kb / 82P
1 Gbit, 512, 256, 128 Mbit, 3 V, Page Flash with 90 nm MirrorBit Process Technology
S29GL512N CYPRESS-S29GL512N Datasheet
1Mb / 92P
512, 256, 128 Mbit, 3 V, Page Flash Featuring 110 nm MirrorBit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com