Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # S70GL02GS
Description  2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S70GL02GS Datasheet(HTML) 2 Page - Infineon Technologies AG

  S70GL02GS Datasheet HTML 1Page - Infineon Technologies AG S70GL02GS Datasheet HTML 2Page - Infineon Technologies AG S70GL02GS Datasheet HTML 3Page - Infineon Technologies AG S70GL02GS Datasheet HTML 4Page - Infineon Technologies AG S70GL02GS Datasheet HTML 5Page - Infineon Technologies AG S70GL02GS Datasheet HTML 6Page - Infineon Technologies AG S70GL02GS Datasheet HTML 7Page - Infineon Technologies AG S70GL02GS Datasheet HTML 8Page - Infineon Technologies AG S70GL02GS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Datasheet
2
001-98296 Rev. *L
2023-08-11
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Performance characteristics
• Temperature range:
- Industrial temperature range (–40°C to +85°C)
- Automotive AEC-Q100 grade 3 (–40°C to +85°C)
- Automotive AEC-Q100 grade 2 (–40°C to +105°C)
• 100,000 erase cycles per sector typical
• 20-year data retention typical
• Packaging options
- 64-ball LSH Fortified BGA, 13 mm  11 mm
Performance characteristics
Maximum read access times (ns) [1]
Parameter
2 Gb
Random access time (tACC)
110
120
Page access time (tPACC)20
30
CE# access time (tCE)
110
120
OE# access time (tOE)25
35
Typical program and erase rates
Operation
Rate
Buffer Programming (512 bytes)
1.5 MBps
Sector Erase (128 kbytes)
477 KBps
Maximum current consumption
Operation
Current
Active read at 5 MHz, 30 pF
60 mA
Program
100 mA
Erase
100 mA
Standby
200 µA
Notes
1. Access times are dependent on VIO operating ranges. See “Ordering information” on page 21 for further
details.
2. Contact Infineon sales representative for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com