Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # S70GL02GS
Description  2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S70GL02GS Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button S70GL02GS Datasheet HTML 16Page - Infineon Technologies AG S70GL02GS Datasheet HTML 17Page - Infineon Technologies AG S70GL02GS Datasheet HTML 18Page - Infineon Technologies AG S70GL02GS Datasheet HTML 19Page - Infineon Technologies AG S70GL02GS Datasheet HTML 20Page - Infineon Technologies AG S70GL02GS Datasheet HTML 21Page - Infineon Technologies AG S70GL02GS Datasheet HTML 22Page - Infineon Technologies AG S70GL02GS Datasheet HTML 23Page - Infineon Technologies AG S70GL02GS Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Datasheet
20
001-98296 Rev. *L
2023-08-11
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
Package diagram
11
Package diagram
11.1
LSH064 — 64-ball fortified ball grid array, 13 x 11 mm
Figure 5
64-ball FBGA (13.0 × 11.0 × 1.4 mm) package outline (PG-LFBGA-64), 002-13243
N IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS FOR MATRIX
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE OUTER ROW,
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE OUTER ROW,
DEFINE THE POSITION OF THE CENTER SOLDER BALL IN THE OUTER ROW.
"SD" AND "SE" ARE MEASURED WITH RESPECT TO DATUMS A AND B AND
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E" DIRECTION.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D" DIRECTION.
"e" REPRESENTS THE SOLDER BALL GRID PITCH.
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL DIAMETER IN A
SOLDER BALL POSITION DESIGNATION PER JEP95, SECTION 3, SPP-020.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED SOLDER
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK MARK
8.
7.
6.
NOTES:
5.
4.
3.
2.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
SD
b
eE
eD
ME
N
0.50
0.50 BSC
1.00 BSC
1.00 BSC
0.60
64
8
0.70
DIMENSIONS
D1
MD
E1
E
D
A
A1
SYMBOL
0.40
MIN.
-
7.00 BSC
7.00 BSC
8
11.00 BSC
13.00 BSC
NOM.
-
1.40
-
MAX.
SE
0.50 BSC
-
METALIZED MARK, INDENTATION OR OTHER MEANS.
"SD" = eD/2 AND "SE" = eE/2.
PLANE PARALLEL TO DATUM C.
"SD" OR "SE" = 0.
SIZE MD X ME.
BALLS.
DETAIL A
002-13243 **



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com