Electronic Components Datasheet Search
  English  ▼

X  

S70GL02GS Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # S70GL02GS
Description  2 Gbit (256 MB) GL-S MIRRORBIT™ Flash Parallel, 3.0 V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S70GL02GS Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button S70GL02GS Datasheet HTML 9Page - Infineon Technologies AG S70GL02GS Datasheet HTML 10Page - Infineon Technologies AG S70GL02GS Datasheet HTML 11Page - Infineon Technologies AG S70GL02GS Datasheet HTML 12Page - Infineon Technologies AG S70GL02GS Datasheet HTML 13Page - Infineon Technologies AG S70GL02GS Datasheet HTML 14Page - Infineon Technologies AG S70GL02GS Datasheet HTML 15Page - Infineon Technologies AG S70GL02GS Datasheet HTML 16Page - Infineon Technologies AG S70GL02GS Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Datasheet
13
001-98296 Rev. *L
2023-08-11
2 Gbit (256 MB) GL-S MIRRORBIT™ Flash
Parallel, 3.0 V
BGA package capacitance
9
BGA package capacitance
Table 7
BGA package capacitance
Parameter
Description
Typ
Max
Unit
CIN
Input capacitance
15
16
pF
COUT
Output capacitance
10
11
pF
A26
Highest order address
6
7
pF
CE#
Separated control pin
12
13
pF
OE#
Separated control pin
7
8
pF
WE#
Separated control pin
11
12
pF
WP#
Separated control pin
11
12
pF
RESET#
Separated control pin
8
9
pF
RY/BY#
Separated control pin
5
6
pF
Notes
16.Sampled, not 100% tested.
17.Test conditions TA = 25°C, f = 1.0 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com