Electronic Components Datasheet Search
  English  ▼

X  

PM3386 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 36Page - PMC-Sierra, Inc PM3386 Datasheet HTML 37Page - PMC-Sierra, Inc PM3386 Datasheet HTML 38Page - PMC-Sierra, Inc PM3386 Datasheet HTML 39Page - PMC-Sierra, Inc PM3386 Datasheet HTML 40Page - PMC-Sierra, Inc PM3386 Datasheet HTML 41Page - PMC-Sierra, Inc PM3386 Datasheet HTML 42Page - PMC-Sierra, Inc PM3386 Datasheet HTML 43Page - PMC-Sierra, Inc PM3386 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
Signal Name
Direction Pin No. Function
RSX
Output
U4
POS-PHY Receive Start of Transfer
RSX indicates when the in-band port
address is present on the RDAT bus.
When RSX is high and RVAL is low, the
value of RDAT[0] is the address of the
receive FIFO to be selected by the
PM3386. Subsequent data transfers on
the RDAT bus will be from the FIFO
specified by this in-band address.
RSX is considered valid only when RVAL is
not asserted.
RSX is considered valid only when RENB
was asserted on the previous cycle.
RSX is updated on the rising edge of
RFCLK.
Table 6
- Side-band Flow Control
Name
Type
Pin No. Description
PAUSE0
PAUSE1
Input
Internal
pull-down
AB1
Y4
PAUSE Control
Assertion of the PAUSE0 or PAUSE1
signals may cause (programmed option)
the PM3386 on a per channel basis to
transmit 802.3-1998 PAUSE frames and
either drop at the MAC layer or pass to the
POS-PHY L3 client any further incoming
frames (programmed option). De-assertion
of the PAUSE0 or PAUSE1 signal can
cause the removal of the PAUSE condition
on a per channel basis.
Due to the programmability options for
these pins please see the PAUSE flow
control section in the Operations section.
PAUSE0 and PAUSE1 are active high
signals.
PAUSE0 and PAUSE1 are sampled on the
rising edge of the RFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com