Electronic Components Datasheet Search
  English  ▼

X  

PM3386 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 93Page - PMC-Sierra, Inc PM3386 Datasheet HTML 94Page - PMC-Sierra, Inc PM3386 Datasheet HTML 95Page - PMC-Sierra, Inc PM3386 Datasheet HTML 96Page - PMC-Sierra, Inc PM3386 Datasheet HTML 97Page - PMC-Sierra, Inc PM3386 Datasheet HTML 98Page - PMC-Sierra, Inc PM3386 Datasheet HTML 99Page - PMC-Sierra, Inc PM3386 Datasheet HTML 100Page - PMC-Sierra, Inc PM3386 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
90
minimum burst size or until EOP is detected and then hold off sending data
on the channel until the PAUSE0 or PAUSE1 pins are de-asserted. Upon de-
assertion, if available, data will continue to be transferred across the PL3
interface for that channel. Please refer to the Operation section for more
detail on this feature.
IP_CR[7] – Channel Enable
Channel Enable is used to update configuration values into the PL3IP when
required due to configuration change. The differing PL3IP configuration
registers (0x104, 0x105, 0x120, 0x121, 0x122, 0x140, 0x141, 0x142) may be
written to at any time but will only update when this bit is cleared. The user
programs the PL3IP configuration registers and then writes a zero to this bit
to update the registers within the PL3IP. This bit will automatically return to
one when the update is complete..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com