Electronic Components Datasheet Search
  English  ▼

X  

PM3386 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 7Page - PMC-Sierra, Inc PM3386 Datasheet HTML 8Page - PMC-Sierra, Inc PM3386 Datasheet HTML 9Page - PMC-Sierra, Inc PM3386 Datasheet HTML 10Page - PMC-Sierra, Inc PM3386 Datasheet HTML 11Page - PMC-Sierra, Inc PM3386 Datasheet HTML 12Page - PMC-Sierra, Inc PM3386 Datasheet HTML 13Page - PMC-Sierra, Inc PM3386 Datasheet HTML 14Page - PMC-Sierra, Inc PM3386 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
4
2.3
Gigabit Ethernet MAC
• Verifies frame integrity (i.e. FCS and length checks).
• Erred frames can be filtered or passed to higher layer device.
• Automatic Base page Auto-Negotiation, extended Auto-Negotiation (Next Page)
supported via host.
• Egress Ethernet physical frame encapsulation (pad to min size, add preamble, IFG
and CRC generation).
• Supports Ethernet 2.0, IEEE 802.3 LLC and IEEE 802.3 SNAP/LLC encoding
formats and VLAN tagged frames.
• Provides 8 unicast exact-match address filters to filter frames based on DA or SA
with optional VID.
• Each address filter can be programmed to indicate whether to accept or discard
based on a match.
• Provides a 64 group multicast address filter.
• Supports 64 byte minimum size frames and jumbo frames up to 9.6K bytes.
• Programmable Inter-packet gap (IPG).
• System side loopback through GMAC for diagnostic capability.
2.4
Flow Control
• Supports IEEE 802.3-1998 flow control at each Ethernet port if enabled.
• Programmable watermarks for full/empty FIFO thresholds.
• Automatic generation of PAUSE frames based on FIFO fill levels.
• Upper layer device can flow control Ethernet ports using side-band or host signaling
to cause generation of a PAUSE frame.
• Provides side-band Paused state indication to upstream devices.
• Loss-less flow control on all valid frames up to 9.6k bytes.
2.5
Statistics
• 40 bit counters are used to ensure rollover compliance with IEEE 802.3–1998.
• Minimum 58 minutes before rollover.
• Provides port statistic counters needed to support the standard 802.3-1998, SNMP,
and RMON Management Information Base (MIB) implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com