Electronic Components Datasheet Search
  English  ▼

X  

PM3386 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 5Page - PMC-Sierra, Inc PM3386 Datasheet HTML 6Page - PMC-Sierra, Inc PM3386 Datasheet HTML 7Page - PMC-Sierra, Inc PM3386 Datasheet HTML 8Page - PMC-Sierra, Inc PM3386 Datasheet HTML 9Page - PMC-Sierra, Inc PM3386 Datasheet HTML 10Page - PMC-Sierra, Inc PM3386 Datasheet HTML 11Page - PMC-Sierra, Inc PM3386 Datasheet HTML 12Page - PMC-Sierra, Inc PM3386 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
2
MAC
Media Access Control (MAC): The data link sublayer that is
responsible for transferring data to and from the Physical
Layer.
MII
Media independent Interface (MII): A transparent signal
interface at the bottom of the Reconciliation sublayer.
Next Page
General class of pages optionally transmitted by Auto-
Negotiation able devices following the base page word
negotiation.
Nibble
A group of four data bits. The unit of exchange on the MII.
Packet
The logical unit of data transferred across the POS-PHY Level
3 interface. This generally corresponds to the Data Frame as
defined previously, although the CRC may or may not be
present in the POS-PHY Level 3 egress direction.
Physical Packet
Consists of a Data Frame as defined previously, preceded by
the Preamble and the Start Frame Delimiter, encoded, as
appropriate, for the Physical Layer (PHY) type.
POS-PHY
SATURN compatible Packet over SONET interface
specification for physical layer devices. POS-PHY level 3
defines an interface for bit rates up to and including 2.488
Gbit/s.
PL3
Short hand notation for the POS-PHY Level 3 term.
Odd Parity
The count of the number of 1’s in the data word of n bits. If
there are an odd number of 1s, then the parity bit will be a 0 so
that including the parity bit, the number of 1s are an odd
number
SOF
Start of Frame.
SOP
Start of Packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com