Electronic Components Datasheet Search
  English  ▼

X  

PM3386 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 57Page - PMC-Sierra, Inc PM3386 Datasheet HTML 58Page - PMC-Sierra, Inc PM3386 Datasheet HTML 59Page - PMC-Sierra, Inc PM3386 Datasheet HTML 60Page - PMC-Sierra, Inc PM3386 Datasheet HTML 61Page - PMC-Sierra, Inc PM3386 Datasheet HTML 62Page - PMC-Sierra, Inc PM3386 Datasheet HTML 63Page - PMC-Sierra, Inc PM3386 Datasheet HTML 64Page - PMC-Sierra, Inc PM3386 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
54
Address (Hex)
Register
EGMAC Registers
Channel 0
Channel 1
0x300
0x400
EGMAC - GMACC0: Config Register Low Word
0x301
0x401
EGMAC - GMACC0: Config Register High Word
0x302
0x402
EGMAC - GMACC1: Config Register Low Word
0x303
0x403
EGMAC - GMACC1: Config Register High Word
0x304
0x404
EGMAC - GMACC2: Config Register Low Word
0x305
0x405
EGMAC - GMACC2: Config Register High Word
0x306
0x406
EGMAC - GPCSC: PHY Config Low Word
0x307
0x407
EGMAC - GPCSC: PHY Config High Word
0x308
0x408
EGMAC - SA: Station Address [15:0]
0x309
0x409
EGMAC - SA: Station Address [31:16]
0x30A
0x40A
EGMAC - SA: Station Address [47:32]
0x30C
0x40C
EGMAC - TPID: VLAN Tag ID Register
0x310
0x410
EGMAC - RX_MAXFR: Receive Max Frame Length
0x316
0x416
Reserved
0x318
0x418
EGMAC - ANCTL: Auto-Negotiation Control
0x31A
0x41A
EGMAC - ANSTT: Auto-Negotiation Status
0x31C
0x41C
EGMAC - ANADV: Auto-Negotiation Advert low word
0x31D
0x41D
EGMAC - ANADV: Auto-Negotiation Advert high word
0x31E
0x41E
EGMAC - ANLPA: Auto-Neg Link Part Able low word
0x31F
0x41F
EGMAC - ANLPA: Auto-Neg Link Part Able high word
0x320
EGMAC - MCMD: MII Managment Command
0x322
EGMAC - MADR: MII Management PHY Address
0x324
EGMAC - MWTD: MII Management Write Data
0x326
EGMAC - MRDD: MII Management Read Data
0x328
EGMAC - MIND: MII Management Indicators
0x332
0x432
EGMAC – Transmit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com