Electronic Components Datasheet Search
  English  ▼

X  

PM3386 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM3386
Description  DUAL GIGABIT ETHERNET CONTROLLER
PDF  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3386 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM3386 Datasheet HTML 75Page - PMC-Sierra, Inc PM3386 Datasheet HTML 76Page - PMC-Sierra, Inc PM3386 Datasheet HTML 77Page - PMC-Sierra, Inc PM3386 Datasheet HTML 78Page - PMC-Sierra, Inc PM3386 Datasheet HTML 79Page - PMC-Sierra, Inc PM3386 Datasheet HTML 80Page - PMC-Sierra, Inc PM3386 Datasheet HTML 81Page - PMC-Sierra, Inc PM3386 Datasheet HTML 82Page - PMC-Sierra, Inc PM3386 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 315 page
background image
RELEASED
PM3386
DATASHEET
PMC-1991129
ISSUE 7
DUAL GIGABIT ETHERNET CONTROLLER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
72
Table 13
Interrupt Bit Resource Mapping
Top Level
Interrupt Bit
Block Level Interrupt Register
(Interrupt Source)
Block Level Interrupt Mask
Register
DOOL_INT
Register 0x700 Bits[1:0]
Register 0x701 Bits[1:0]
ROOL_INT
Register 0x700 Bits[15],[9:8]
Register 0x701 Bits[15],[9:8]
PL3EP_INT
Register 0x201 Bits[7:0]
Register 0x202 Bits[7:0]
PL3IP_INT
Register 0x101 Bits[15:0]
Register 0x102 Bits[15:0]
MSTAT1_INT
Register 0x601 Bits[15], [13:0]
Register 0x605 Bits[15],[13:0]
Register 0x602 Bits[14:0]
Register 0x606 Bits[14:0]
Register 0x603 Bits[15:0]
Register 0x607 Bits[15:0]
Register 0x604 Bits[5:0]
Register 0x608 Bits[5:0]
MSTAT0_INT
Register 0x501 Bits[15], [13:0]
Register 0x505 Bits[15],[13:0]
Register 0x502 Bits[14:0]
Register 0x506 Bits[14:0]
Register 0x503 Bits[15:0]
Register 0x507 Bits[15:0]
Register 0x504 Bits[5:0]
Register 0x508 Bits[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com