Electronic Components Datasheet Search
  English  ▼

X  

PM4541 Datasheet(PDF) 22 Page - PMC-Sierra, Inc

Part # PM4541
Description  T1XC EVALUATION DAUGHTER BOARD
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4541 Datasheet(HTML) 22 Page - PMC-Sierra, Inc

Back Button PM4541 Datasheet HTML 18Page - PMC-Sierra, Inc PM4541 Datasheet HTML 19Page - PMC-Sierra, Inc PM4541 Datasheet HTML 20Page - PMC-Sierra, Inc PM4541 Datasheet HTML 21Page - PMC-Sierra, Inc PM4541 Datasheet HTML 22Page - PMC-Sierra, Inc PM4541 Datasheet HTML 23Page - PMC-Sierra, Inc PM4541 Datasheet HTML 24Page - PMC-Sierra, Inc PM4541 Datasheet HTML 25Page - PMC-Sierra, Inc PM4541 Datasheet HTML 26Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
TELECOM STANDARD PRODUCT
PMC-Sierra, Inc.
PM4541 T1XC-EVBD
PMC-920314
ISSUE 2
T1XC EVALUATION DAUGHTERBOARD
19
Switch ID
Label
Mapping
SW1-1
MS0
MS0 (Mode Select '0')
SW1-2
MS1
MS1 (Mode Select '1')
SW1-3
MS2
MS2 (Mode Select '2')
SW1-4
MS3
MS3 (Mode Select '3')
SW1-5
ENC2
ENC20 (Active high enable control for pins
C2O and C2OB )
SW1-6
ENCV
ENCV (Active high enable control for pins
CV and CVB )
SW1-7
ENC4
ENC40 (Active high enable control for pins
C4O and C4OB )
SW1-8
Unused
Setting these switches selects the operating mode for the MT8940, as described below:
Mode #
MS[0:3]
DPLL #1 Operating Mode
DPLL #2 Operating Mode
0
0000
Normal Mode:
Generates the 1.544 MHz
T1 clock synchronized to
the falling edge of the input
framing pulse.
Externally applied 4.096
MHz. clock and 8 kHz.
frame pulse, properly phase
related, are used to
generate the 2.048 MHz
output clock.
1
0001
Normal Mode
Operates as above.
Normal Mode:
Generates the CEPT (ST-
BUS) timing signals locked
to the 8 kHz input signal
(C8KB)
2
0010
Normal Mode
Operates as above.
Externally applied 4.096
MHz. clock is used to
generate the 2.048 MHz
output clock and 8 kHz
frame pulse.
3
0011
DEFAULT
CONFIG
Normal Mode
Operates as above.
Normal Mode
Generates the CEPT (ST-
BUS) timing signals locked
to the 8 kHz input signal
(C8KB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com