Electronic Components Datasheet Search
  English  ▼

X  

PM4541 Datasheet(PDF) 17 Page - PMC-Sierra, Inc

Part # PM4541
Description  T1XC EVALUATION DAUGHTER BOARD
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4541 Datasheet(HTML) 17 Page - PMC-Sierra, Inc

Back Button PM4541 Datasheet HTML 13Page - PMC-Sierra, Inc PM4541 Datasheet HTML 14Page - PMC-Sierra, Inc PM4541 Datasheet HTML 15Page - PMC-Sierra, Inc PM4541 Datasheet HTML 16Page - PMC-Sierra, Inc PM4541 Datasheet HTML 17Page - PMC-Sierra, Inc PM4541 Datasheet HTML 18Page - PMC-Sierra, Inc PM4541 Datasheet HTML 19Page - PMC-Sierra, Inc PM4541 Datasheet HTML 20Page - PMC-Sierra, Inc PM4541 Datasheet HTML 21Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
TELECOM STANDARD PRODUCT
PMC-Sierra, Inc.
PM4541 T1XC-EVBD
PMC-920314
ISSUE 2
T1XC EVALUATION DAUGHTERBOARD
14
5
D.C. CHARACTERISTICS
Symbol
Parameter
Min
Max
Units
Test Conditions
V5DC
+5V
DC
Power
Supply Voltage
4.5
5.5
V
I5DC
+5V
DC
Power
Supply Current
3A
V5DC = 5.0 V + 10%
TA
Ambient
Temperature
050
°C
VDC = 5.0 V + 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com