Electronic Components Datasheet Search
  English  ▼

X  

PM4541 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM4541
Description  T1XC EVALUATION DAUGHTER BOARD
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4541 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM4541 Datasheet HTML 30Page - PMC-Sierra, Inc PM4541 Datasheet HTML 31Page - PMC-Sierra, Inc PM4541 Datasheet HTML 32Page - PMC-Sierra, Inc PM4541 Datasheet HTML 33Page - PMC-Sierra, Inc PM4541 Datasheet HTML 34Page - PMC-Sierra, Inc PM4541 Datasheet HTML 35Page - PMC-Sierra, Inc PM4541 Datasheet HTML 36Page - PMC-Sierra, Inc PM4541 Datasheet HTML 37Page - PMC-Sierra, Inc PM4541 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
TELECOM STANDARD PRODUCT
PMC-Sierra, Inc.
PM4541 T1XC-EVBD
PMC-920314
ISSUE 2
T1XC EVALUATION DAUGHTERBOARD
31
8
STOCK LIST
Item
Qty Reference
Description
1
C1,
C4
Not Installed
2
2C2,
C5
0.68 µF ceramic capacitor, 0.3" spacing, 100VDC
3
2C3,
C6
0.1 µF ceramic capacitor, 0.3" spacing, 100VDC
4
2C7,
C8
47 nF ceramic capacitor, 0.2" spacing, 100VDC
5
2C9,
C10
470 nF ceramic capacitor, 0.2" spacing, 100VDC
6
25
C11,
C12,
C13,
C14,
C15,
C16,
C17,
C18,
C19,
C20,
C21,
C22,
C23,
C24,
C25,
C26,
C27,
C28,
C29,
C30,
C31,
C32,
C33,
C34,
C35
0.01 µF ceramic Capacitor, 0.2" spacing, 100VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com