Electronic Components Datasheet Search
  English  ▼

X  

PM4541 Datasheet(PDF) 18 Page - PMC-Sierra, Inc

Part # PM4541
Description  T1XC EVALUATION DAUGHTER BOARD
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4541 Datasheet(HTML) 18 Page - PMC-Sierra, Inc

Back Button PM4541 Datasheet HTML 14Page - PMC-Sierra, Inc PM4541 Datasheet HTML 15Page - PMC-Sierra, Inc PM4541 Datasheet HTML 16Page - PMC-Sierra, Inc PM4541 Datasheet HTML 17Page - PMC-Sierra, Inc PM4541 Datasheet HTML 18Page - PMC-Sierra, Inc PM4541 Datasheet HTML 19Page - PMC-Sierra, Inc PM4541 Datasheet HTML 20Page - PMC-Sierra, Inc PM4541 Datasheet HTML 21Page - PMC-Sierra, Inc PM4541 Datasheet HTML 22Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
TELECOM STANDARD PRODUCT
PMC-Sierra, Inc.
PM4541 T1XC-EVBD
PMC-920314
ISSUE 2
T1XC EVALUATION DAUGHTERBOARD
15
6
IMPLEMENTATION DESCRIPTION
6.1
Bus Transceivers
Bus Transceivers have been used on the daughterboard to minimize the loading
presented to the motherboard microprocessor. Two 74HCT244's buffer all eight
upper address bits, the microprocessor control signals, and the external clock and
framing pulse inputs. A single 74HCT245 provides the bi-directional buffering of the
multiplexed address/data bus. All motherboard signals from the 96-pin DIN
connector have been tied through SIPs to insure proper standalone operation. The
standard techniques outlined in the EVMB datasheet for implementing the decoding
and buffering has been followed.
6.2
Decode Logic
The decode logic provides the address mapping of all internal registers of both
T1XC's as well as providing generation of the required RDB and WRB signals.
Again the implementation of the decode logic has followed the techniques outlined
in the EVMB datasheet. T1XC #1 (EAST) is mapped starting at address C000H and
T1XC #2 (WEST) is mapped starting at address C100H. Two unused chip selects,
active for address ranges C200-C2FFH and C300-C3FFH, are available for use on
the prototype section. The full register map is given below:
East T1XC
West T1XC
Description
C000H
C100H
T1XC Receive Options
C001H
C101H
T1XC Receive Backplane Options
C002H
C102H
T1XC Datalink Options
C003H
C103H
T1XC Receive DS1 Interface Configuration
C004H
C104H
T1XC Transmit DS1 Interface Configuration
C005H
C105H
T1XC Transmit Backplane Options
C006H
C106H
T1XC Transmit Framing and Bypass Options
C007H
C107H
T1XC Transmit Timing Options
C008H
C108H
T1XC Master Interrupt Source #1
C009H
C109H
T1XC Master Interrupt Source #2
C00AH
C10AH
T1XC Master Diagnostics
C00BH
C10BH
T1XC Master Test
C00CH
C10CH
T1XC Revision/Chip ID
C00DH
C10DH
T1XC Master Reset
C00EH
C10EH
T1XC Phase Status Word (LSB)
C00FH
C10FH
T1XC Phase Status Word (MSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com