Electronic Components Datasheet Search
  English  ▼

X  

PM4541 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM4541
Description  T1XC EVALUATION DAUGHTER BOARD
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4541 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM4541 Datasheet HTML 33Page - PMC-Sierra, Inc PM4541 Datasheet HTML 34Page - PMC-Sierra, Inc PM4541 Datasheet HTML 35Page - PMC-Sierra, Inc PM4541 Datasheet HTML 36Page - PMC-Sierra, Inc PM4541 Datasheet HTML 37Page - PMC-Sierra, Inc PM4541 Datasheet HTML 38Page - PMC-Sierra, Inc PM4541 Datasheet HTML 39Page - PMC-Sierra, Inc PM4541 Datasheet HTML 40Page - PMC-Sierra, Inc PM4541 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
TELECOM STANDARD PRODUCT
PMC-Sierra, Inc.
PM4541 T1XC-EVBD
PMC-920314
ISSUE 2
T1XC EVALUATION DAUGHTERBOARD
34
29
R29,
R30,
R31,
R32,
R33,
R34,
R35,
R36,
R37
Not Used
30
3
R38,
R39,
R40
10 k
Ω, 1/8 W, 5% Resistor
31
8
RN1,
RN2,
RN3,
RN4,
RN5,
RN6,
RN7,
RN8,
10 pin 9 resistor SIP - 10K
Ω, 5%
32
1
SW1
8 position SPST DIP switch, Grayhill 76SB08
33
6
S_T1,
S_T2,
S_U1,
S_U2,
S_U14,
S_U15
14 pin DIP Socket
34
2
S_U3,
S_U4
68 Pin PLCC Socket, through hole, AMP 821574-1
35
2
S_U5,
S_U6
16 pin DIP Socket
36
1
S_U13
24 pin DIP Socket, 0.6" wide
37
2T1,
T2
Dual 1:2CT & 1:1.36 transformer: BH Electronics 500-
1777, OR Pulse Engineering PE64952 Q7789-3
38
1
U1
NDK 37.056 MHz Oscillator in half inch case, TTL levels
39
U2
Not Installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com