Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
Rev. 1.00
8
��to�e� �0� �01�
Rev. 1.00
9
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Pin Name
Function
OPT
I/T
O/T
Description
PB3/AN�/�CDSCK/
ICPCK
PB3
PBPU
ST
CM�S Gene�al pu�pose I/�. Pull-high fun�tion is sele�ted �y
configuration options.
AN�
ADCR
PCRL
AN
—
A/D Conve�te� analog input.
�CDSCK
—
ST
—
�CDS Clo�k pin� fo� EV �hip only.
ICPCK
—
ST
—
ICP �lo�k.
PB4/AN3
PB4
C�
ST
CM�S Gene�al pu�pose I/�. Pull-high fun�tion is sele�ted �y
configuration options.
AN3
ADCR
PCRL
AN
—
A/D Conve�te� analog input.
PPG
PPG
C�
—
CM�S
The PPG pin is floating du�ing PPG ina�tive pe�iod�
powe�-on �eset and LVR �eset. The PPG output a�tive
level whi�h is a�tive low o� a�tive high �an �e sele�ted
via configuration option.
AVDD/VDD
AVDD
—
PWR
—
A/D Conve�te� positive powe� supply.
VDD
—
PWR
—
Positive powe� supply.
AVSS/VSS
AVSS
—
PWR
—
A/D Conve�te� negative powe� supply� g�ound.
VSS
—
PWR
—
Negative powe� supply� g�ound.
Legend: I/T: Input type;
O/T: Output type;
OPT: Optional by configuration option (CO) or register option;
PWR: Power;
CO: Configuration option;
ST: Schmitt Trigger input;
CMOS: CMOS output;
NMOS: NMOS output;
AN: Analog signal
Absolute Maximum Ratings
Supply Voltage ...................................................................................................VSS-0.3V to VSS+6.0V
Input Voltage .....................................................................................................VSS-0.3V to VDD+0.3V
Storage Temperature ..................................................................................................... -50°C to 125°C
Operating Temperature ................................................................................................... -40°C to 85°C
IOL Total ....................................................................................................................................... 80mA
IOH Total ...................................................................................................................................... -80mA
Total Power Dissipation ........................................................................................................... 500mW
Note: These are stress ratings only. Stresses exceeding the range specified under “Absolute
Maximum Ratings” may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com