Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 37Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 38Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 39Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 40Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 41Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
Rev. 1.00
38
��to�e� �0� �01�
Rev. 1.00
39
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
8-�it Time�/Event Counte�
P�eload Registe�
8-�it Time�/Event
Counte� (TMR1)
Time� 1
Cont�ol
Ci��uit
SET_T1�N
T1M1
T1M0
T1�N
T1�V
fT1
SET_T1�N
Data �us
T1M1
T1M0
Reload
T1�V
�ve�flow to
Inte��upt
R
S
Q
INH
8-bit Timer/Event Counter 1
8-�it Time�/Event Counte�
P�eload Registe�
8-�it Time�/Event
Counte� (TMR�)
T��N
fT�
Data �us
Reload
�ve�flow to
Inte��upt
8-bit Timer/Event Counter 2
TMR0C Register
Bit
7
6
5
4
3
2
1
0
Name
T0M1
T0M0
—
T0�N
TMR0E
T0PSC� T0PSC1 T0PSC0
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
P�R
0
0
—
0
1
0
0
0
Bit 7~6
T0M1~T0M0: Timer 0 operation mode selection
00: No mode available
01: Event counter mode
10: Timer mode
11: Pulse width mearurement mode
Bit 5
Unimplemented, read as “0”
Bit 4
T0ON: Timer/event counter counting enable
0: Disable
1: Enable
Bit 3
TMR0E: Event counter active edge selection
In Event Counter Mode:
0: Count on rising edge
1: Count on falling edge
In Pulse Width measurement mode:
0: Start counting on the falling edge, stop on the rising edge
1: Start counting on the rising edge, stop on the falling edge
Bit 2~0
T0PSC2~T0PSC0: Timer prescaler rate selection
Timer internal clock fT0 =
000: fSYS
001: fSYS/2
010: fSYS/4
011: fSYS/8
100: fSYS/16
101: fSYS/32
110: fSYS/64
111: fSYS/128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com