Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
Rev. 1.00
��
��to�e� �0� �01�
Rev. 1.00
�3
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
STATUS Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
T�
PDF
�V
Z
AC
C
R/W
—
—
R
R
R/W
R/W
R/W
R/W
P�R
—
—
0
0
x
x
x
x
“x”: unknown
Bit 7~6
Unimplemented, read as “0”
Bit 5
TO: Watchdog Time-Out flag
0: After power up or executing the “CLR WDT” or “HALT” instruction
1: A watchdog time-out occurred.
Bit 4
PDF: Power down flag
0: After power up or executing the “CLR WDT” instruction
1: By executing the “HALT” instruction
Bit 3
OV: Overflow flag
0: No overflow
1: An operation results in a carry into the highest-order bit but not a carry out of the
highest-order bit or vice versa.
Bit 2
Z: Zero flag
0: The result of an arithmetic or logical operation is not zero
1: The result of an arithmetic or logical operation is zero
Bit 1
AC: Auxiliary flag
0: No auxiliary carry
1: An operation results in a carry out of the low nibbles in addition, or no borrow
from the high nibble into the low nibble in subtraction
Bit 0
C: Carry flag
0: No carry-out
1: An operation results in a carry during an addition operation or if a borrow does
not take place during a subtraction operation
C is also affected by a rotate through carry instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com