Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 33Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 34Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 35Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 36Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Rev. 1.00
3�
��to�e� �0� �01�
Rev. 1.00
33
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Register
Power On Reset
LVR Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(Powe Down Mode)
ACSR
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
CTRL1
0000 0000
0000 0000
0000 0000
uuuu uuuu
�PAC
0001 0000
0001 0000
0001 0000
uuuu uuuu
CTRL�
--00 0000
--00 0000
--00 0000
--uu uuuu
PWLT
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
CTRL3
-000 0 000
-000 0 000
-000 0 000
-uuu u uuu
TMR�
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
TMR�C
---0 -000
---0 -000
---0 -000
---u -uuu
CMPSC
0000 --00
0000 --00
0000 --00
uuuu --uu
CMP3C
0001 0000
0001 0000
0001 0000
uuuu uuuu
CTRL4
--00 0000
--00 0000
--00 0000
--uu uuuu
MFI
-000 -000
-000 -000
-000 -000
-uuu -uuu
PCRL
0000 000-
0000 000-
0000 000-
uuuu uuu-
PCRH
- - - - - - 00
- - - - - - 00
- - - - - - 00
- - - - - - uu
Note: “u” stands for unchanged
“x” stands for unknown
“-” stands for unimplemented
Input/Output Ports
Holtek microcontrollers offer considerable flexibility on their I/O ports. With the input or output
designation of every pin fully under user program control, Additionally, as there are pull-high
resistors and wake-up configuration options, the user is provided with an I/O structure to meet the
needs of a wide range of application possibilities.
The device provides bidirectional input/output lines labeled with port names PA~PB. These I/O
ports are mapped to the RAM Data Memory with specific addresses as shown in the Special Purpose
Data Memory table. All of these I/O ports can be used for input and output operations. For input
operation, these ports are non-latching, which means the inputs must be ready at the T2 rising edge
of instruction “MOV A, [m]”, where m denotes the port address. For output operation, all the data is
latched and remains unchanged until the output latch is rewritten.
Register
Name
Bit
7
6
5
4
3
2
1
0
PA
PA�
PA6
PA5
PA4
PA3
PA�
PA1
PA0
PAC
PAC�
PAC6
PAC5
PAC4
PAC3
PAC�
PAC1
PAC0
PB
—
—
—
PB4
PB3
PB�
PB1
PB0
PBC
—
—
—
PBC4
PBC3
PBC�
PBC1
PBC0
“—”: Unimplemented, read as “0”
I/O Logic Function Register List
Pull-high Resistors
Many product applications require pull-high resistors for their switch inputs usually requiring the
use of an external resistor. To eliminate the need for these external resistors, when configured as
an input have the capability of being connected to an internal pull-high resistor. These pull-high
resistors are selectable via configuration options. The pull-high resistors are implemented using
weak PMOS transistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com