Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
Rev. 1.00
8
��to�e� �0� �01�
Rev. 1.00
9
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
D.C. Electrical Characteristics
�pe�ating Tempe�atu�e: Ta = �5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VDD
�pe�ating Voltage (HIRC)
— fSYS = fHIRC = 8MHz
�.�
—
5.5
V
IDD
�pe�ating Cu��ent (HIRC)
5V No load� all pe�iphe�als off�
fSYS = fHIRC = 8MHz
—
4.0
6.0
mA
ISTB
Stand�y Cu��ent (SLEEP mode)
3V No load� all pe�iphe�als off�
WDT off
—
—
1
μA
5V
—
—
�
μA
3V No load� all pe�iphe�als off�
WDT on
—
—
5
μA
5V
—
—
10
μA
VIL
Input Low Voltage fo� I/� Po�ts�
TMR0 and INT
5V
—
0
—
1.5
V
—
—
0
— 0.�VDD
V
VIH
Input High Voltage fo� I/� Po�ts�
TMR0 and INT
5V
—
3.5
—
5
V
—
—
0.8VDD —
VDD
V
I�L
Sink Cu��ent fo� PPG� I/� Po�ts
3V
V�L = 0.1VDD
4
8
—
mA
5V
10
�0
—
mA
I�H
Sou��e Cu��ent fo� PPG� I/� Po�ts
3V
V�H = 0.9VDD
-�
-4
—
mA
5V
-5
-10
—
mA
RPH
Pull-high Resistan�e
3V
—
�0
60
100
kΩ
5V
—
10
30
50
kΩ
A.C. Electrical Characteristics
�pe�ating Tempe�atu�e: Ta = �5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
fSYS
System Clo�k (HIRC)
�.�V ~ 5.5V fSYS = fHIRC = 8MHz
—
8
—
MHz
fHIRC
High Speed Inte�nal RC �s�illato�
(HIRC)
5V
—
- �%
8
+ �% MHz
5V ± 0.5V Ta = 0°C ~ 55°C
- 4%
8
+ 4% MHz
tWDT�SC Wat�hdog �s�illato� Pe�iod
3V
—
45
90
180
μs
5V
—
3�
65
130
μs
tSST
System Sta�t-up Time� Pe�iod
—
Powe� on o� wake-up
f�om powe�-down mode
— 10�4 —
tSYS
tINT
Exte�nal Inte��upt Minimum Pulse Width
—
—
1
—
—
μs
tTC
TMR0 Input Pin Minimum Pulse Width
—
—
0.1
—
—
μs
tRSTD
System Reset Delay Time
—
—
50
100 �00
ms
Note: 1. tSYS=1/fSYS
2. Minimum pulse width is for guaranteed interrupt. It is possible for a smaller pulse width to be recognized.
LVD & LVR Electrical Characteristics
�pe�ating Tempe�atu�e: Ta = �5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
— LVR ena�le� voltage sele�t �.1V
1.98 �.1 �.��
V
VLVD
Low Voltage Dete�tion Voltage
— LVD ena�le
4.1� 4.4
4.�
V
tLVR
Minimum Low Voltage Width to Reset
—
—
0.�5
1
�
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com