Electronic Components Datasheet Search
  English  ▼

X  

HT45F0057 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT45F0057
Description  nduction Cooker Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F0057 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT45F0057 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 26Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 27Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 28Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 29Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 30Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 31Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 32Page - Holtek Semiconductor Inc HT45F0057 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
Rev. 1.00
�8
��to�e� �0� �01�
Rev. 1.00
�9
��to�e� �0� �01�
HT45F0057
Induction Cooker Flash MCU
HT45F0057
Induction Cooker Flash MCU
Watchdog Timer
The Watchdog Timer is provided to prevent program malfunctions or sequences from jumping to
unknown locations, due to certain uncontrollable external events such as electrical noise.
Watchdog Timer Clock Source
The Watchdog Timer clock source is provided by the LIRC or fSYS/4 clock, selected by configuration
option. The WDT oscillator has an approximate period of 65μs at a supply voltage of 5V. Note that
the oscillation frequency can vary with VDD, temperature and process variations. Another clock
source is supplied by fSYS/4. The Watchdog Timer source clock is then subdivided by a ratio of 213 to
216 to give longer timeouts, the actual value being chosen using the configuration option.
Note that the LIRC is running during MCU normal mode. Once the device entering power down
mode, the LIRC will keep running if the WDT is enabled and stop if the WDT is disabled.
Watchdog Timer Operation
The Watchdog Timer operates by providing a device reset when its timer overflows. This means
that in the application program and during normal operation the user has to strategically clear the
Watchdog Timer before it overflows to prevent the Watchdog Timer from executing a reset. This is
done using the clear watchdog instructions. If the program malfunctions for whatever reason, jumps
to an unknown location, or enters an endless loop, these clear instructions will not be executed in the
correct manner, in which case the Watchdog Timer will overflow and reset the device. Most of the
Watchdog Timer options, such as enable/disable, Watchdog Timer clock source and clear instruction
type are selected using configuration options. There are not any related register. Note that if the
Watchdog Timer configuration option has been disabled, then any instruction relating to its operation
will result in no operation.
Under normal program operation, a Watchdog Timer time-out will initialise a device reset and set the
status bit TO. However, if the system is in the Power Down Mode, when a Watchdog Timer time-out
occurs, the TO bit in the status register will be set and only the Program Counter and Stack Pointer
will be reset. Two methods can be adopted to clear the contents of the Watchdog Timer. The first is
using the Watchdog Timer software clear instructions and the second is via a HALT instruction.
There are two methods of using software instructions to clear the Watchdog Timer, one of which
must be chosen by configuration option. The first option is to use the single “CLR WDT” instruction
while the second is to use the two commands “CLR WDT1” and “CLR WDT2”. For the first
option, a simple execution of “CLR WDT” will clear the WDT while for the second option, both
“CLR WDT1” and “CLR WDT2” must both be executed to successfully clear the Watchdog Timer.
Note that for this second option, if “CLR WDT1” is used to clear the Watchdog Timer, successive
executions of this instruction will have no effect, only the execution of a “CLR WDT2” instruction
will clear the Watchdog Timer. Similarly after the “CLR WDT2” instruction has been executed, only
a successive “CLR WDT1” instruction can clear the Watchdog Timer.
The maximum time out period is when the 216 division ratio is selected. As an example, with the
WDT oscillator as its source clock, this will give a maximum watchdog period of around 4.7μs for
the 216 division ratio. If the device operates in a noisy environment, using the WDT oscillator is
strongly recommended, since the system clock will be stopped under the power down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com