Electronic Components Datasheet Search
  English  ▼

X  

PM6388 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM6388
Description  OCTAL E1 FRAMER
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6388 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM6388 Datasheet HTML 45Page - PMC-Sierra, Inc PM6388 Datasheet HTML 46Page - PMC-Sierra, Inc PM6388 Datasheet HTML 47Page - PMC-Sierra, Inc PM6388 Datasheet HTML 48Page - PMC-Sierra, Inc PM6388 Datasheet HTML 49Page - PMC-Sierra, Inc PM6388 Datasheet HTML 50Page - PMC-Sierra, Inc PM6388 Datasheet HTML 51Page - PMC-Sierra, Inc PM6388 Datasheet HTML 52Page - PMC-Sierra, Inc PM6388 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 345 page
background image
PM6388 EOCTL
DATA SHEET
PMC-1971019
ISSUE 6
OCTAL E1 FRAMER
PROPRIETARY and CONFIDENTIAL to PMC-Sierra Inc. and for its customers’ internal use
30
The block declares loss of signaling multiframe alignment if two consecutive
signaling multiframe alignment signals have been received in error, or additionally, if
all the bits in TS16 are logic 0 for 1 or 2 (selectable) signaling multiframes. Loss of
signaling multiframe alignment is also declared if basic frame alignment has been
lost.
National Bits Extraction
The E1-FRMR extracts and assembles the sub-multiframe aligned National bit
codewords Sa4[1:4] to Sa8[1:4]. The corresponding register values are updated
upon generation of the CRC sub-multiframe interrupt.
This block also detects the V5.2 link ID signal, which is defined as the event where 2
out of 3 Sa7 bits are logic 0. Upon reception of this Link ID signal, the V52LINK
output is asserted. This signal is cleared when 2 out of 3 Sa7 bits are a logic one.
Alarm Integration
The E1-FRMR monitors the OOF and the AISD indications, verifying that each
condition has persisted for 104 ms (±6 ms) before indicating the alarm condition.
The alarm is removed when the condition has been absent for 104 ms (±6 ms).
The AIS Alarm algorithm accumulates the occurrences of AISD over a 4 ms interval
and indicates a valid AIS presence when 13 or more AISD indications have been
received. Each interval with a valid AIS presence indication increments an interval
counter which declares AIS Alarm when 25 valid intervals have been accumulated.
An interval with no valid AIS presence indication decrements the interval counter;
the AIS Alarm declaration is removed when the counter reaches 0. This algorithm
provides a 99.8% probability of declaring an AIS Alarm in the presence of a 10-3
mean bit error rate.
The RED Alarm algorithm monitors occurrences of OOF over a 4 ms interval,
indicating a valid OOF interval when one or more OOF indications occurred during
the interval, and indicating a valid in frame (INF) interval when no OOF indication
occurred for the entire interval. Each interval with a valid OOF indication increments
an interval counter which declares RED Alarm when 25 valid intervals have been
accumulated. An interval with valid INF indication decrements the interval counter;
the RED Alarm declaration is removed when the counter reaches 0. This algorithm
biases OOF occurrences, leading to declaration of RED Alarm when intermittent
loss of frame alignment occurs.
9.2
Performance Monitor Counters (PMON)
The Performance Monitor Counters function is provided by the PMON block. The
block accumulates CRC error events, Frame Synchronization bit error events, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com