Electronic Components Datasheet Search
  English  ▼

X  

PM6388 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM6388
Description  OCTAL E1 FRAMER
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6388 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM6388 Datasheet HTML 75Page - PMC-Sierra, Inc PM6388 Datasheet HTML 76Page - PMC-Sierra, Inc PM6388 Datasheet HTML 77Page - PMC-Sierra, Inc PM6388 Datasheet HTML 78Page - PMC-Sierra, Inc PM6388 Datasheet HTML 79Page - PMC-Sierra, Inc PM6388 Datasheet HTML 80Page - PMC-Sierra, Inc PM6388 Datasheet HTML 81Page - PMC-Sierra, Inc PM6388 Datasheet HTML 82Page - PMC-Sierra, Inc PM6388 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 345 page
background image
PM6388 EOCTL
DATA SHEET
PMC-1971019
ISSUE 6
OCTAL E1 FRAMER
PROPRIETARY and CONFIDENTIAL to PMC-Sierra Inc. and for its customers’ internal use
60
multiframe alignment must be provided on CEFP by setting FPTYP bit of the
Transmit Backplane Frame Pulse Configuration register to logic 1. Otherwise,
the identification of the incoming CRC-4 bits would be impossible. The
PATHCRC bit only takes effect when the INDIS or FDIS bit of the TRAN
Configuration register is logic 1.
EFPRISE :
The EFPRISE bit enables the egress frame pulse to be updated on the rising
CECLK edge. When EFPRISE is set to logic 1, EFP[x] is updated on the
rising CECLK edge. When EFPRISE is set to logic 0, EFP[x] is updated on
the falling CECLK edge. This register bit is only active when Clock Slave:
EFP Enabled mode is selected.
TLCLKRISE:
The TLCLKRISE bit enables the transmit line interface to be updated on the
rising TLCLK[x] edge. When TLCLKRISE is set to logic 1, TLD[x] is updated
on the rising TLCLK[x] edge. When TLCLKRISE is set to logic 0, TLD[x] is
updated on the falling TLCLK[x] edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com