Electronic Components Datasheet Search
  English  ▼

X  

PM6388 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM6388
Description  OCTAL E1 FRAMER
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6388 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM6388 Datasheet HTML 67Page - PMC-Sierra, Inc PM6388 Datasheet HTML 68Page - PMC-Sierra, Inc PM6388 Datasheet HTML 69Page - PMC-Sierra, Inc PM6388 Datasheet HTML 70Page - PMC-Sierra, Inc PM6388 Datasheet HTML 71Page - PMC-Sierra, Inc PM6388 Datasheet HTML 72Page - PMC-Sierra, Inc PM6388 Datasheet HTML 73Page - PMC-Sierra, Inc PM6388 Datasheet HTML 74Page - PMC-Sierra, Inc PM6388 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 345 page
background image
PM6388 EOCTL
DATA SHEET
PMC-1971019
ISSUE 6
OCTAL E1 FRAMER
PROPRIETARY and CONFIDENTIAL to PMC-Sierra Inc. and for its customers’ internal use
52
10
NORMAL MODE REGISTER DESCRIPTION
Normal mode registers are used to configure and monitor the operation of the
EOCTL. Normal mode registers (as opposed to test mode registers) are
selected when A[10] is low.
Notes on Normal Mode Register Bits:
1. Writing values into unused register bits has no effect. However, to ensure
software compatibility with future, feature-enhanced versions of the product,
unused register bits must be written with logic zero. Reading back unused
bits can produce either a logic one or a logic zero; hence, unused register bits
should be masked off by software when read.
2. All configuration bits that can be written into can also be read back. This
allows the processor controlling the EOCTL to determine the programming
state of the block.
3. Writable normal mode register bits are cleared to logic zero upon reset unless
otherwise noted.
4. Writing into read-only normal mode register bit locations does not affect
EOCTL operation unless otherwise noted.
5. Certain register bits are reserved. These bits are associated with megacell
functions that are unused in this application. To ensure that the EOCTL
operates as intended, reserved register bits must only be written with logic
zero. Similarly, writing to reserved registers should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com