Electronic Components Datasheet Search
  English  ▼

X  

PM6541 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 35Page - PMC-Sierra, Inc PM6541 Datasheet HTML 36Page - PMC-Sierra, Inc PM6541 Datasheet HTML 37Page - PMC-Sierra, Inc PM6541 Datasheet HTML 38Page - PMC-Sierra, Inc PM6541 Datasheet HTML 39Page - PMC-Sierra, Inc PM6541 Datasheet HTML 40Page - PMC-Sierra, Inc PM6541 Datasheet HTML 41Page - PMC-Sierra, Inc PM6541 Datasheet HTML 42Page - PMC-Sierra, Inc PM6541 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
36
7
4J1,
J2,
J3,
J4
ADC PC834 Bantam PCB Jack with cover
8
4J5,
J6,
J7,
J8
Molex 73136-5001 BNC PCB Mount Jack, 50 ohm
impedance
9
1J9,
J10,
J11,
J12
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO LENGTHS OF 5 CONTACTS EACH
10
1
J13,
J14
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO LENGTHS OF 6 CONTACTS EACH
11
1
J15,
J16
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO LENGTHS OF 7 CONTACTS EACH
12
1
J17,
J18
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO LENGTHS OF 9 CONTACTS EACH
13
1
J19,
J20
Dual row male header strip, tin plated, 0.1" spacing,
straight, 50 contacts total, INDUS 923866
- CUT INTO LENGTHS OF 3 CONTACT PAIRS EACH
14
1
J21,
J22,
J23,
J24
Dual row male header strip, tin plated, 0.1" spacing,
straight, 50 contacts total, INDUS 923866
- CUT INTO LENGTHS OF 4 CONTACT PAIRS EACH
15
1
J25,
J27,
J28
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO LENGTHS OF 2 CONTACTS EACH
16
1
J26,
J31,
J32
Dual row male header strip, tin plated, 0.1" spacing,
straight, 50 contacts total, INDUS 923866
- CUT INTO LENGTHS OF 2 CONTACT PAIRS EACH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com