Electronic Components Datasheet Search
  English  ▼

X  

PM6541 Datasheet(PDF) 9 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 9 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 5Page - PMC-Sierra, Inc PM6541 Datasheet HTML 6Page - PMC-Sierra, Inc PM6541 Datasheet HTML 7Page - PMC-Sierra, Inc PM6541 Datasheet HTML 8Page - PMC-Sierra, Inc PM6541 Datasheet HTML 9Page - PMC-Sierra, Inc PM6541 Datasheet HTML 10Page - PMC-Sierra, Inc PM6541 Datasheet HTML 11Page - PMC-Sierra, Inc PM6541 Datasheet HTML 12Page - PMC-Sierra, Inc PM6541 Datasheet HTML 13Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
6
3
INTERFACE DESCRIPTION
3.1
Edge Connector Interface
The Edge Connector Interface is made up of a male 96 pin DIN of which 64 pins are
actually used. It consists of signals appropriate to read and write to the registers of
the devices on the daughterboard, and it provides the necessary power and ground.
The connections have been specially designed to mate with PMC's PM1501 EVMB
evaluation motherboard. TTL signal levels are used on this interface.
Signal
Name
Type
Pin
Function
ALE
O
C1
Address latch enable. When high, identifies that
address is valid on AD[7:0].
E
O
C2
Microprocessor Clock
RWB
O
C3
Active low write, active high read enable
RSTB
O
C4
Active low H/W reset
A[15]
O
C5
Address bus bit 15
A[14]
O
C6
Address bus bit 14
A[13]
O
C7
Address bus bit 13
A[12]
O
C8
Address bus bit 12
A[11]
O
C9
Address bus bit 11
A[10]
O
C10
Address bus bit 10
A[9]
O
C11
Address bus bit 9
A[8]
O
C12
Address bus bit 8
AD[7]
I/O
C13
Multiplexed address/data bus bit 7
AD[6]
I/O
C14
Multiplexed address/data bus bit 6
AD[5]
I/O
C15
Multiplexed address/data bus bit 5
AD[4]
I/O
C16
Multiplexed address/data bus bit 4
AD[3]
I/O
C17
Multiplexed address/data bus bit 3
AD[2]
I/O
C18
Multiplexed address/data bus bit 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com