Electronic Components Datasheet Search
  English  ▼

X  

PM6541 Datasheet(PDF) 11 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 11 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 7Page - PMC-Sierra, Inc PM6541 Datasheet HTML 8Page - PMC-Sierra, Inc PM6541 Datasheet HTML 9Page - PMC-Sierra, Inc PM6541 Datasheet HTML 10Page - PMC-Sierra, Inc PM6541 Datasheet HTML 11Page - PMC-Sierra, Inc PM6541 Datasheet HTML 12Page - PMC-Sierra, Inc PM6541 Datasheet HTML 13Page - PMC-Sierra, Inc PM6541 Datasheet HTML 14Page - PMC-Sierra, Inc PM6541 Datasheet HTML 15Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
8
3.2.1 External Signal Header
This header is provided to accept an external clock and framing pulse source. These
inputs are then buffered for use on the board.
External clock sources must be
buffered through this header to avoid possible damage to the E1XCs or DPLL.
Signal
Type
Ref.
Description
EXTFP
I
J26-2
External Framing Pulse Input
EXTCLK
I
J26-4
External Clock Input
BEXTFP
O
J27-1
Buffered External Framing Pulse
BEXTCLK
O
J27-2
Buffered External Clock
3.2.2 DPLL Header
This header is provided to give access to the clock generating MT8940 DPLL chip
as well as provide direct oscillator access. All of the major DPLL outputs are brought
out to this header even though they may be of limited use with the E1XC (e.g. the
4.096 MHz clock).
Signal
Type
Ref.
Description
FPIN
I
J29-2
1.544 MHz Framing pulse input to MT8940.
C8KB
I/O
J29-1
2.048 MHz Framing pulse in/out (mode dependent).
GFP
I/O
J29-3
8 kHz Framing pulse output from the MT8940. Note
that this active low output signal is derived from the
16.388 MHz clock and has a 244ns pulse width.
C1M5
O
J29-4
1.544 MHz Output clock from MT8940.
C1M5B
O
J29-5
Inverted C1M5 clock.
C2M
O
J29-6
2.048 MHz output clock from MT8940.
C2MB
O
J29-7
Inverted C2M clock.
C4M
O
J29-8
4.096 MHz Output clock from MT8940.
C4MB
O
J29-9
Inverted C4M clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com