Electronic Components Datasheet Search
  English  ▼

X  

PM6541 Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 6Page - PMC-Sierra, Inc PM6541 Datasheet HTML 7Page - PMC-Sierra, Inc PM6541 Datasheet HTML 8Page - PMC-Sierra, Inc PM6541 Datasheet HTML 9Page - PMC-Sierra, Inc PM6541 Datasheet HTML 10Page - PMC-Sierra, Inc PM6541 Datasheet HTML 11Page - PMC-Sierra, Inc PM6541 Datasheet HTML 12Page - PMC-Sierra, Inc PM6541 Datasheet HTML 13Page - PMC-Sierra, Inc PM6541 Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
7
AD[1]
I/O
C19
Multiplexed address/data bus bit 1
AD[0]
I/O
C20
Multiplexed address/data bus bit 0
PA3
O
C21
68HC11 Processor Port A bit 3
PA4
O
C22
68HC11 Processor Port A bit 4
PA5
O
C23
68HC11 Processor Port A bit 5
PA6
O
C24
68HC11 Processor Port A bit 6
PD2
I
C25
MISO. Master In Slave Out of Port D acting as SPI.
Pulled up on motherboard.
PD3
O
C26
MOSI. Master Out Slave In of Port D acting as SPI.
Pulled up on motherboard.
PD4
O
C27
SCK. Serial clock of Port D acting as SPI. Pulled up
on motherboard.
PD5
O
C28
SS. Slave Select of Port D acting as SPI active low.
Pulled up on motherboard.
IRQ
I
C29
Maskable interrupt
XIRQ
I
C30
Non Maskable Interrupt
DISB
I
C31
EVMB memory disable. Pulling this signal low will
disable MPU access to the EVMB's on-board RAM
and EPROM.
SP
O
C32
SPARE
GND
O
A1-
A28
Ground
+5V
O
A29-
A32
+5 Volts
3.2
Header Connections
All E1XC functional pins are connected to male header strips to provide as much
access as possible. These headers may be used as probe points or as a means to
build sample applications by making appropriate connections between points. Each
E1XC can run in isolation of the other, thus any application, other than the default
sample "CSU", will require header connections to be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com