Electronic Components Datasheet Search
  English  ▼

X  

PM6541 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 8Page - PMC-Sierra, Inc PM6541 Datasheet HTML 9Page - PMC-Sierra, Inc PM6541 Datasheet HTML 10Page - PMC-Sierra, Inc PM6541 Datasheet HTML 11Page - PMC-Sierra, Inc PM6541 Datasheet HTML 12Page - PMC-Sierra, Inc PM6541 Datasheet HTML 13Page - PMC-Sierra, Inc PM6541 Datasheet HTML 14Page - PMC-Sierra, Inc PM6541 Datasheet HTML 15Page - PMC-Sierra, Inc PM6541 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
9
C16M
O
J29-10
Direct access to 16.388 MHz clock driving the
MT8940. This pin is mainly provided for direct
oscillator access. If the MT8940 is not used the
16.388 MHz clock can be replaced by a 2.048 MHz
clock with access to the clock signal provided by
this pin.
C12M
O
J29-11
Direct access to 12.355 MHz clock driving the
MT8940. This pin is mainly provided for direct
oscillator access. If the MT8940 is not used the
12.355 MHz clock can be replaced by a 1.544 MHz
clock with access to the clock signal provided by
this pin.
GND
G
J29-12
MT8940 DPLL header ground reference.
3.2.3 E1XC Headers
A number of headers are provided which give direct access to the main functional
pins on the E1XCs. Both devices on the daughterboard have the same pins brought
out to headers and every effort has been made to insure that all headers are
symmetrical with both devices. The E1XCs are uniquely identified by an east/west
designation. The following table gives a brief description of the E1XC signals. For a
more detailed description of the E1XC device, refer to the E1XC datasheet.
Signal
Type
Ref (E)
Ref (W)
Description
TAP
O
J9-1
J10-1
Transmit Analog Positive Pulse
TAN
O
J9-2
J10-2
Transmit Analog Negative Pulse
RAS
I
J9-3
J10-3
Receive Analog Signal
REF
I/O
J9-4
J10-4
Receive Reference
GND
G
J9-5
J10-5
E1XC Analog Ground Reference
TCLKI
I
J15-1
J16-1
Transmit Clock Input
TCLKO
O
J15-2
J16-2
Transmit Clock Output
TDP/TDD
O
J15-3
J16-3
Transmit Digital Positive Line Pulse/
Transmit Digital DS-1 Signal
TDN/TFLG
O
J15-4
J16-4
Transmit Digital Negative Line Pulse/
Transmit FIFO Flag
TDLCLK/
TDLUDR
O
J15-5
J16-5
Transmit Data Link Clock/ Transmit Data
Link Underrun
TDLSIG/
TDLINT
I/O
J15-6
J16-6
Transmit Data Link Signal/ Transmit Data
Link Interrupt
GND
G
J15-7
J16-7
E1XC Digital Transmit Ground Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com