Electronic Components Datasheet Search
  English  ▼

X  

PM6541 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM6541
Description  E1XC EVALUATION DAUGHTERBOARD
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM6541 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM6541 Datasheet HTML 36Page - PMC-Sierra, Inc PM6541 Datasheet HTML 37Page - PMC-Sierra, Inc PM6541 Datasheet HTML 38Page - PMC-Sierra, Inc PM6541 Datasheet HTML 39Page - PMC-Sierra, Inc PM6541 Datasheet HTML 40Page - PMC-Sierra, Inc PM6541 Datasheet HTML 41Page - PMC-Sierra, Inc PM6541 Datasheet HTML 42Page - PMC-Sierra, Inc PM6541 Datasheet HTML 43Page - PMC-Sierra, Inc PM6541 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
PMC-Sierra, Inc.
PM6541 E1XC-EVBD
TELECOM STANDARD PRODUCT
PMC-930917
ISSUE 1
E1XC EVALUATION DAUGHTERBOARD
37
17
1
J29
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO A LENGTH OF 12 CONTACTS
18
1
J30
INDUS 929647-01-36 breakable male straight single
row strip headers, 0.1" spacing, tin plated, 36 contacts
- CUT INTO A LENGTH OF 3 CONTACTS
19
1
P1
Right angle mount, 96 pin male DIN edge connector,
Winchester 96P-6033-0731-0
20
2R1,
R6
1
Ω, 1/4 W, 5% Resistor
21
R2,
R7,
R11,
R12,
R13,
R14,
R15,
R16,
R17,
R18
Not Installed
22
1R3
R8
4.53 k
Ω, 1/4 W, 1% Resistor
23
1R4
R9
523
Ω, 1/4 W, 1% Resistor
24
2R5,
R10
1.1 k
Ω, 1/4 W, 1% Resistor
25
2
R19,
R20,
R21,
R22
200
Ω, 1/4 W, 5%
26
2
R23,
R24
316 k
Ω, 1/4 W, 5% Resistor
27
2
R25,
R26
270
Ω, 1/4 W, 5%
28
2
R27,
R28
330
Ω, 1/4 W, 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com