Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 211 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 211 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 207Page - PMC-Sierra, Inc PM7344 Datasheet HTML 208Page - PMC-Sierra, Inc PM7344 Datasheet HTML 209Page - PMC-Sierra, Inc PM7344 Datasheet HTML 210Page - PMC-Sierra, Inc PM7344 Datasheet HTML 211Page - PMC-Sierra, Inc PM7344 Datasheet HTML 212Page - PMC-Sierra, Inc PM7344 Datasheet HTML 213Page - PMC-Sierra, Inc PM7344 Datasheet HTML 214Page - PMC-Sierra, Inc PM7344 Datasheet HTML 215Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
195
Registers 07AH, 17AH, 27AH and 37AH: RXCP Idle/Unassigned Cell Mask:
H4 octet
Bit
Type
Function
Default
Bit 7
R/W
CPM[7]
0
Bit 6
R/W
CPM[6]
0
Bit 5
R/W
CPM[5]
0
Bit 4
R/W
CPM[4]
0
Bit 3
R/W
CPM[3]
0
Bit 2
R/W
CPM[2]
0
Bit 1
R/W
CPM[1]
0
Bit 0
R/W
CPM[0]
0
CPM[7:0]:
The CPM[7:0] bits contain the idle/unassigned cell header mask for the fourth
octet (H4) of the received cell. This mask is applied to the H4 octet pattern.
A logic 1 in any CPM[n] bit enables the corresponding bit in the H4
Idle/Unassigned Cell Pattern Register to be compared with the received H4
octet. A logic 0 causes the masking of the corresponding bit. This register
should be set to FFH when filtering the standard unassigned cell pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com