Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 100 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 100 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 96Page - PMC-Sierra, Inc PM7344 Datasheet HTML 97Page - PMC-Sierra, Inc PM7344 Datasheet HTML 98Page - PMC-Sierra, Inc PM7344 Datasheet HTML 99Page - PMC-Sierra, Inc PM7344 Datasheet HTML 100Page - PMC-Sierra, Inc PM7344 Datasheet HTML 101Page - PMC-Sierra, Inc PM7344 Datasheet HTML 102Page - PMC-Sierra, Inc PM7344 Datasheet HTML 103Page - PMC-Sierra, Inc PM7344 Datasheet HTML 104Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
84
be jitter-free. When OCLKSEL is set to logic 0, the DJAT FIFO output clock is
driven with an internal jitter attenuated bit rate clock (1.544 MHz for T1 or
2.048 MHz for E1). FIFOBYP must be set to logic 1 if OCLKSEL is set to
logic 1.
TREF[1:0]:
The TREF[1:0] bits select the transmit reference clock source as shown in the
following table.:
TREF1
TREF0
Transmit Reference Source
0
0
TCLKI input.
0
1
Receive clock output (RCLKO) as selected by
the RCLK[1:0] bits in the Source
Selection/Interrupt ID register.
1
0
Receive clock from the RCLKI[x] input or
recovered from the RDP[x]/RDN[x] inputs.
1
1
XCLK input divided by 8 or by 24 depending
on the setting of the XCLKSEL bit.
Upon reset of the S/UNI-MPH, these bits are set to zero, selecting digital jitter
attenuation with TCLKO[x] referenced to TCLK. Figure 17 illustrates the various
bit setting options, with the reset condition highlighted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com