Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 26 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 26 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 22Page - PMC-Sierra, Inc PM7344 Datasheet HTML 23Page - PMC-Sierra, Inc PM7344 Datasheet HTML 24Page - PMC-Sierra, Inc PM7344 Datasheet HTML 25Page - PMC-Sierra, Inc PM7344 Datasheet HTML 26Page - PMC-Sierra, Inc PM7344 Datasheet HTML 27Page - PMC-Sierra, Inc PM7344 Datasheet HTML 28Page - PMC-Sierra, Inc PM7344 Datasheet HTML 29Page - PMC-Sierra, Inc PM7344 Datasheet HTML 30Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
10
4
APPLICATION EXAMPLES
Figure 1
- Example 1. T1 or E1 Multi-PHY ATM UNI
PM7344
S/UNI-MPH
PM4314
QDSX
SCI-PHYTM
Multi-PHY
ATM Cell Bus
Generic
Microprocessor
Bus
DSX-1
or
E1
Analog
Interfaces
Crystal Oscillator Clock
37.056 MHz
Or 12.352 MHz
1.544 MHz Transmit Reference Clock
Quad T1/E1
Multi-PHY
User Network Interface
Quad DSX-1/E1
Analog Line Interface
Example 1 shows the PM7344 S/UNI-MPH used with the PM4314 QDSX to
implement a quad T1/E1 UNI where the DS1 or E1 signals are presented on
DSX-1 or E1 electrical interfaces.
In this example, the DSX-1 or E1 line interface functions are provided by the
QDSX and the DS1 or E1 framing functions are provided by the S/UNI-MPH.
Note that many other standard DSX-1 or E1 line interface devices are also
compatible with the S/UNI-MPH. The S/UNI-MPH also provides the ATM cell
processing functions associated with the PHY layer, including the implementation
of a SCI-PHY multi-PHY interface to the ATM layer device(s). The combination
of the QDSX device with the S/UNI-MPH allows both ANSI/ITU compliant DSX-
1/E1 analog signals and ATM Forum UNI 3.1 and ITU G.804 compliant DS1/E1
digital signals to be processed. The UNI 3.1 and G.804 specifications define
ATM cell mappings for a variety of transmission formats, including the 1.544
Mbit/s DS1 and the 2.048 Mbit/s E1 formats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com