Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 54 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 54 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 50Page - PMC-Sierra, Inc PM7344 Datasheet HTML 51Page - PMC-Sierra, Inc PM7344 Datasheet HTML 52Page - PMC-Sierra, Inc PM7344 Datasheet HTML 53Page - PMC-Sierra, Inc PM7344 Datasheet HTML 54Page - PMC-Sierra, Inc PM7344 Datasheet HTML 55Page - PMC-Sierra, Inc PM7344 Datasheet HTML 56Page - PMC-Sierra, Inc PM7344 Datasheet HTML 57Page - PMC-Sierra, Inc PM7344 Datasheet HTML 58Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
38
Pin Name
Type
Pin
No.
Function
VSS_DC[3]
VSS_DC[2]
VSS_DC[1]
VSS_DC[0]
Ground
115
85
53
21
DC Ground (VSS_DC[3:0]). These pins should
be connected to GND in common with
VSS_AC[2:0].
Notes on Pin Description:
1. VDD_DC[3:0] and VSS_DC[3:0] are the +5 V and ground connections,
respectively, for the core circuitry and the DC drive of the output pads of the
device. VDD_AC[2:0] and VSS_AC[2:0] are the +5 V and ground
connections, respectively, for the AC switching of the pad ring circuitry of the
device. These power supply connections must all be utilized and must all
connect to a common +5 V or ground rail, as appropriate. There is no low
impedance connection within the S/UNI-MPH between the core, and pad ring
supply rails. Failure to properly make these connections may result in
improper operation or damage to the device.
2. Inputs RSTB, TMS, TDI, TRSTB and ALE have integral pull-up resistors.
3. The TDLSIG/TDLINT[4:1] pins have integral pull-up resistors and default to
being inputs after a reset.
4. D[7:0], TCLKO[4:1], RCLKO, RDAT[7:0], RCA[4:1], RXPRTY, RSOC,
TCA[4:1], and the TCAMPH and RCAMPH bidirectionals have 4mA drive
capability. All other outputs and bidirectionals have 2mA drive capability.
5. All inputs and bidirectionals present minimum capacitive loading and operate
at TTL logic levels.
6. When an internal RFDL is enabled, the RDLINT[x] output goes high:
1) when the number of bytes specified in the RFDL Interrupt Status/Control
Register have been received on the data link,
2) immediately on detection of RFDL FIFO buffer overrun,
3) immediately on detection of end of message,
4) immediately on detection of an abort condition, or,
5) immediately on detection of the transition from receiving all ones to flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com