Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 24 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 24 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 20Page - PMC-Sierra, Inc PM7344 Datasheet HTML 21Page - PMC-Sierra, Inc PM7344 Datasheet HTML 22Page - PMC-Sierra, Inc PM7344 Datasheet HTML 23Page - PMC-Sierra, Inc PM7344 Datasheet HTML 24Page - PMC-Sierra, Inc PM7344 Datasheet HTML 25Page - PMC-Sierra, Inc PM7344 Datasheet HTML 26Page - PMC-Sierra, Inc PM7344 Datasheet HTML 27Page - PMC-Sierra, Inc PM7344 Datasheet HTML 28Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
8
14.ITU-T Recommendation G.706, - "Frame Alignment and Cyclic Redundancy
Check (CRC) Procedures Relating to Basic Frame Structures Defined in
Recommendation G.704", Rev.1, 1991.
15.ITU-T Recommendation G.737, - "Characteristics of an External Access
Equipment Operating at 2048 kbit/s Offering Synchronous Digital Access at
384 kbit/s and/or 64 kbit/s", Blue Book Fasc. III.4, 1988.
16.ITU-T Recommendation G.738, - "Characteristics of Primary PCM Multiplex
Equipment Operating at 2048 kbit/s and Offering Synchronous Digital Access
at 320 kbit/s and/or 64 kbit/s", Blue Book Fasc. III.4, 1988.
17.ITU-T Recommendation G.739, - "Characteristics of an External Access
Equipment Operating at 2048 kbit/s Offering Synchronous Digital Access at
320 kbit/s and/or 64 kbit/s", Blue Book Fasc. III.4, 1988.
18.ITU-T Recommendation G.742, - "Second Order Digital Multiplex Equipment
Operating at 8448 kbit/s and Using Positive Justification", Blue Book Fasc.
III.4, 1988.
19.ITU-T Recommendation G.821, - "Error Performance of an International
Digital Connection Forming Part of an Integrated Services Digital Network",
Blue Book Fasc. III.5, 1988.
20.ITU-T Recommendation G.823, - "The Control of Jitter and Wander Within
Digital Networks Which are Based on the 2048 kbit/s Hierarchy", 1993.
21.ITU-T Recommendation O.151, - "Error Performance Measuring Equipment
Operating at the Primary Rate and Above", Rev. 1, Oct. 1992.
22.CCITT Blue Book, Recommendation O.162, - "Equipment to Perform in
Service Monitoring on 2048 kbit/s Signals", Vol. IV, Fascicle IV.4, 1988.
23.ITU-T, Recommendation I.432 - “B-ISDN User-Network Interface - Physical
Layer Specification”, August 1992.
24.ITU-T, Draft Recommendation G.804 - “ATM Cell Mapping into
Plesiochronous Digital Hierarchy (PDH)”, January 1993.
25.ITU-T, Draft Recommendation G.832 - “Transport of SDH Elements on PDH
Networks: Frame and Multiplexing Structures”, January 1993.
26.ETSI DE/TM-1015 - "Transmission and Multiplexing (TM); Generic Functional
Requirements for SDH Transmission Equipment, Part 1: Generic Processes
and Performance", Version 1.0, November, 1993.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com