Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 78 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 78 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 74Page - PMC-Sierra, Inc PM7344 Datasheet HTML 75Page - PMC-Sierra, Inc PM7344 Datasheet HTML 76Page - PMC-Sierra, Inc PM7344 Datasheet HTML 77Page - PMC-Sierra, Inc PM7344 Datasheet HTML 78Page - PMC-Sierra, Inc PM7344 Datasheet HTML 79Page - PMC-Sierra, Inc PM7344 Datasheet HTML 80Page - PMC-Sierra, Inc PM7344 Datasheet HTML 81Page - PMC-Sierra, Inc PM7344 Datasheet HTML 82Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
62
10
REGISTER DESCRIPTION
Table 1
- Normal Mode Register Memory Map
Address
Register
#1
# 2
# 3
# 4
000H
100H
200H
300H
Receive Configuration
001H
101H
201H
301H
Transmit Configuration
002H
102H
202H
302H
Datalink Options
003H
103H
203H
303H
Receive Interface Configuration
004H
104H
204H
304H
Transmit Interface Configuration
005H
105H
205H
305H
Receive TS0 Datalink
006H
106H
206H
306H
Transmit TS0 Datalink
007H
107H
207H
307H
Transmit Timing Options
008H
108H
208H
308H
Interrupt Source #1
009H
109H
209H
309H
Interrupt Source #2
00AH
10AH
20AH
30AH
Diagnostics
00BH
Master Test
00CH
Revision/Chip ID/Global Monitoring
Update
00DH
Source Selection/Interrupt ID
00EH
Clock Activity Monitor
10BH
20BH
30BH
Reserved
10CH
20CH
30CH
Reserved
10DH
20DH
30DH
Reserved
10EH
20EH
30EH
Reserved
00FH
10FH
20FH
30FH
Reserved
010H
110H
210H
310H
CDRC Configuration
011H
111H
211H
311H
CDRC Interrupt Enable
012H
112H
212H
312H
CDRC Interrupt Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com