Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 102 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 102 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 98Page - PMC-Sierra, Inc PM7344 Datasheet HTML 99Page - PMC-Sierra, Inc PM7344 Datasheet HTML 100Page - PMC-Sierra, Inc PM7344 Datasheet HTML 101Page - PMC-Sierra, Inc PM7344 Datasheet HTML 102Page - PMC-Sierra, Inc PM7344 Datasheet HTML 103Page - PMC-Sierra, Inc PM7344 Datasheet HTML 104Page - PMC-Sierra, Inc PM7344 Datasheet HTML 105Page - PMC-Sierra, Inc PM7344 Datasheet HTML 106Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
86
Registers 008H, 108H, 208H and 308H: Interrupt Source #1
Bit
Type
Function
Default
Bit 7
R
DJAT
0
Bit 6
R
IBCD
0
Bit 5
R
FRMR
0
Bit 4
R
PDVD
0
Bit 3
R
SAC
0
Bit 2
R
RFDL
0
Bit 1
R
RBOC
0
Bit 0
R
ALMI
0
These registers allow software to determine the block which produced the
interrupt on the INTB output pin. The SAC bit is set if the SACI bit in the Receive
TS0 Data Link register is set and is enabled to generate an interrupt
Reading this register does not remove the interrupt indication; the corresponding
block's interrupt status register must be read to remove the interrupt indication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com