Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 105 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 105 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 101Page - PMC-Sierra, Inc PM7344 Datasheet HTML 102Page - PMC-Sierra, Inc PM7344 Datasheet HTML 103Page - PMC-Sierra, Inc PM7344 Datasheet HTML 104Page - PMC-Sierra, Inc PM7344 Datasheet HTML 105Page - PMC-Sierra, Inc PM7344 Datasheet HTML 106Page - PMC-Sierra, Inc PM7344 Datasheet HTML 107Page - PMC-Sierra, Inc PM7344 Datasheet HTML 108Page - PMC-Sierra, Inc PM7344 Datasheet HTML 109Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
89
LINELB:
The LINELB bit selects the line loopback mode, where the data input on
RDP/RDD[x] and RDN/RLCV/ROH[x] is connected to TDP/TDD[x] and
TDN/TOHO[x] respectively. When LINELB is set to logic 1, the line loopback
mode is enabled. When LINELB is set to logic 0, the line loopback mode is
disabled. When either the J2 or arbitrary framing modes are selected, DJAT
is disabled, and LINELB will reroute the RDD[x], ROH[x], and RCLKI[x]
directly to TDD[x], TOHO[x], and TCLKO[x] respectively. For the J2 framing
format, if the TOHO[x] output is desired to be the multi-frame pulse, PAYLB
should be used instead of LINELB.
DIALB:
The DIALB bit selects the diagnostic loopback mode, where the transmit data
stream is connected to the receive datastream. When DIALB is set to logic
1, the diagnostic digital loopback mode is enabled. When DIALB is set to
logic 0, the diagnostic loopback mode is disabled.
TPERRE:
The TPERRE bit is an interrupt enable. When TPERRE is logic 1, a parity
error detected on the transmit FIFO interface causes a microprocessor
interrupt to be generated. When TPERRE is logic 0, a parity error does not
cause an interrupt.
TPERRI:
When the TPERRI bit is logic 1, it indicates that a parity error was detected
on the incoming transmit FIFO interface. When TPERRI is logic 0, no parity
error was detected. Reading this register clears this bit to logic 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com