Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 108 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 108 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 104Page - PMC-Sierra, Inc PM7344 Datasheet HTML 105Page - PMC-Sierra, Inc PM7344 Datasheet HTML 106Page - PMC-Sierra, Inc PM7344 Datasheet HTML 107Page - PMC-Sierra, Inc PM7344 Datasheet HTML 108Page - PMC-Sierra, Inc PM7344 Datasheet HTML 109Page - PMC-Sierra, Inc PM7344 Datasheet HTML 110Page - PMC-Sierra, Inc PM7344 Datasheet HTML 111Page - PMC-Sierra, Inc PM7344 Datasheet HTML 112Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
92
Register 00CH: Revision/Chip ID/Global Monitoring Update
Bit
Type
Function
Default
Bit 7
R/W
RESET
0
Bit 6
R
TYPE[2]
1
Bit 5
R
TYPE[1]
0
Bit 4
R
TYPE[0]
1
Bit 3
R
TIP
0
Bit 2
R
ID[2]
0
Bit 1
R
ID[1]
0
Bit 0
R
ID[0]
0
RESET:
The RESET bit allows software to asynchronously reset the S/UNI-MPH. The
software reset is equivalent to setting the RSTB input pin low. When a logic 1
is written to RESET, the S/UNI-MPH is reset. When a logic 0 is written to
RESET, the reset is removed. The RESET bit must be explicitly set and
cleared by writing the corresponding logic value to this register.
TYPE[2:0]:
The TYPE[2:0] bits allow software to identify this device as the S/UNI-MPH
member of the S/UNI family of products.
TIP:
The TIP bit is set to a logic one when any value with Bit 7 set to logic 0 is
written to this register. Such a write initiates an accumulation interval transfer
and loads all the performance meter registers in the PMON, RXCP, and
TXCP blocks. TIP remains high while the transfer is in progress, and is set to
a logic zero when the transfer is complete. TIP can be polled by a
microprocessor to determine when the accumulation interval transfer is
complete. Note that the transmit and receive line side clocks must be
toggling for TIP to be cleared.
ID[2:0]:
The ID[2:0] bits allows software to identify the version level of the S/UNI-
MPH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com