Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 111 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 111 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 107Page - PMC-Sierra, Inc PM7344 Datasheet HTML 108Page - PMC-Sierra, Inc PM7344 Datasheet HTML 109Page - PMC-Sierra, Inc PM7344 Datasheet HTML 110Page - PMC-Sierra, Inc PM7344 Datasheet HTML 111Page - PMC-Sierra, Inc PM7344 Datasheet HTML 112Page - PMC-Sierra, Inc PM7344 Datasheet HTML 113Page - PMC-Sierra, Inc PM7344 Datasheet HTML 114Page - PMC-Sierra, Inc PM7344 Datasheet HTML 115Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
95
Register 010H, 110H, 210H and 310H: CDRC Configuration
Bit
Type
Function
Default
Bit 7
R/W
AMI
0
Bit 6
R/W
LOS[1]
0
Bit 5
R/W
LOS[0]
0
Bit 4
R/W
DCR
0
Bit 3
R/W
SYNC
0
Bit 2
R/W
ALGSEL
0
Bit 1
R/W
O162
0
Bit 0
R/W
Reserved
0
Reserved:
The reserved bits must be programmed with a logic 0
AMI:
The alternate mark inversion (AMI) bit selects the line code of the incoming
E1 or DS1 signal. A logic 1 selects AMI line code; a logic 0 selects HDB3 (E1
format) or B8ZS (T1 format).
LOS[1:0]:
The LOS[1:0] bits select the loss of signal declaration threshold. For
example, if the threshold is set to 10, the 11th consecutive zero causes the
declaration of LOS. LOS is removed when a single non-zero pulse is
detected in the receive stream. The LOS declaration thresholds are shown in
the table below:
LOS[1]
LOS[0]
Threshold (bit periods)
0
0
10 (E1 format selected)
15 (T1 format or AMI line code selected)
01
31
10
63
1
1
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com