Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 114 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 114 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 110Page - PMC-Sierra, Inc PM7344 Datasheet HTML 111Page - PMC-Sierra, Inc PM7344 Datasheet HTML 112Page - PMC-Sierra, Inc PM7344 Datasheet HTML 113Page - PMC-Sierra, Inc PM7344 Datasheet HTML 114Page - PMC-Sierra, Inc PM7344 Datasheet HTML 115Page - PMC-Sierra, Inc PM7344 Datasheet HTML 116Page - PMC-Sierra, Inc PM7344 Datasheet HTML 117Page - PMC-Sierra, Inc PM7344 Datasheet HTML 118Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
98
Registers 012H, 112H, 212H and 312H: CDRC Interrupt Status
Bit
Type
Function
Default
Bit 7
R
LCVI
0
Bit 6
R
LOSI
0
Bit 5
R
LCSDI
0
Bit 4
R
EXZI
0
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R
LOS
0
The bit positions LCVI, LOSI, LCSDI and EXZI of this register indicate which of
the status events generated an interrupt. A logic 1 in these bit positions indicate
that the corresponding event was detected; a logic 0 in these bit positions
indicate that no corresponding event has been detected. The bit positions LCVI,
LCSDI and EXZI are set on the assertion of a line code violation, a line code
signature detection, and excessive zeros detection, respectively. LOSI is set on
a change of state of the LOS alarm. Bits LCVI, LOSI, LCSDI and EXZI are
cleared by reading this register. The current state of the LOS alarm can be
determined by reading bit 0 of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com