Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 117 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 117 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 113Page - PMC-Sierra, Inc PM7344 Datasheet HTML 114Page - PMC-Sierra, Inc PM7344 Datasheet HTML 115Page - PMC-Sierra, Inc PM7344 Datasheet HTML 116Page - PMC-Sierra, Inc PM7344 Datasheet HTML 117Page - PMC-Sierra, Inc PM7344 Datasheet HTML 118Page - PMC-Sierra, Inc PM7344 Datasheet HTML 119Page - PMC-Sierra, Inc PM7344 Datasheet HTML 120Page - PMC-Sierra, Inc PM7344 Datasheet HTML 121Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
101
Registers 015H, 115H, 215H and 315H: ALMI Interrupt Enable
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
FASTD
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
YELE
0
Bit 1
R/W
REDE
0
Bit 0
R/W
AISE
0
These registers select which of the three T1 Carrier Failure Alarms (CFA) can
generate an interrupt when their logic state changes and enables the "fast"
deassertion mode of operation.
FASTD:
The FASTD bit enables the "fast" deassertion of red and AIS alarms. When
FASTD is set to a logic 1, deassertion of red alarm occurs within 120 ms of
going in frame. Deassertion of AIS alarm occurs within 180 ms of either
detecting a 60 ms interval containing 127 or more zeros, or going in frame.
When FASTD is set to a logic 0, red and AIS alarm deassertion times remain
as defined in the ALMI description.
Reserved:
The reserved bit must be programmed to logic 0 for correct operation.
YELE,REDE,AISE:
A logic 1 in the enable bit positions (YELE, REDE, AISE) enables a state
change in the corresponding CFA to generate an interrupt; a logic 0 in the
enable bit positions disables any state changes to generate an interrupt. The
enable bits are independent; any combination of yellow, red, and AIS CFA's
can be enabled to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com