Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 106 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 106 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 102Page - PMC-Sierra, Inc PM7344 Datasheet HTML 103Page - PMC-Sierra, Inc PM7344 Datasheet HTML 104Page - PMC-Sierra, Inc PM7344 Datasheet HTML 105Page - PMC-Sierra, Inc PM7344 Datasheet HTML 106Page - PMC-Sierra, Inc PM7344 Datasheet HTML 107Page - PMC-Sierra, Inc PM7344 Datasheet HTML 108Page - PMC-Sierra, Inc PM7344 Datasheet HTML 109Page - PMC-Sierra, Inc PM7344 Datasheet HTML 110Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
90
Register 00BH: Master Test
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
A_TM[9]
X
Bit 5
R/W
A_TM[8]
X
Bit 4
W
PMCTST
X
Bit 3
W
DBCTRL
0
Bit 2
R/W
IOTST
0
Bit 1
W
HIZDATA
0
Bit 0
R/W
HIZIO
0
This register is used to select S/UNI-MPH test features. All bits, except for
PMCTST and A_TM[9:8], are reset to zero by a hardware reset of the S/UNI-
MPH. A software reset of the S/UNI-MPH does not affect the state of the bits in
this register. Refer to the Test Features Description section for more information.
A_TM[9]:
The state of the A_TM[9] bit internally replaces the input address line A[9]
when PMCTST is set. This allows for more efficient use of the PMC
manufacturing test vectors.
A_TM[8]:
The state of the A_TM[8] bit internally replaces the input address line A[8]
when PMCTST is set. This allows for more efficient use of the PMC
manufacturing test vectors.
PMCTST:
The PMCTST bit is used to configure the S/UNI-MPH for PMC's
manufacturing tests. When PMCTST is set to logic 1, the S/UNI-MPH
microprocessor port becomes the test access port used to run the PMC
manufacturing test vectors. The PMCTST bit is logically "ORed" with the
IOTST bit, and can only be cleared by setting CSB to logic 1.
DBCTRL:
The DBCTRL bit is used to pass control of the data bus drivers to the CSB
pin. When the DBCTRL bit is set to logic 1, the CSB pin controls the output
enable for the data bus. While the DBCTRL bit is set, holding the CSB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com