Electronic Components Datasheet Search
  English  ▼

X  

PM7344 Datasheet(PDF) 289 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 289 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 285Page - PMC-Sierra, Inc PM7344 Datasheet HTML 286Page - PMC-Sierra, Inc PM7344 Datasheet HTML 287Page - PMC-Sierra, Inc PM7344 Datasheet HTML 288Page - PMC-Sierra, Inc PM7344 Datasheet HTML 289Page - PMC-Sierra, Inc PM7344 Datasheet HTML 290Page - PMC-Sierra, Inc PM7344 Datasheet HTML 291Page - PMC-Sierra, Inc PM7344 Datasheet HTML 292Page - PMC-Sierra, Inc PM7344 Datasheet HTML 293Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 289 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
273
Notes on Input Timing:
1. When a set-up time is specified between an input and a clock, the set-up
time is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4
Volt point of the clock.
2. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
3. These clock tolerances assume that the line clock tolerance is ±130ppm for
T1 and ±50ppm for E1.
4. TCLKI can be a jittered clock signal subject to the instantaneous frequencies
corresponding to the minimum and maximum high and low TCLKI pulse
widths shown.
5. High pulse width is measured from the 1.4 Volt points of the rise and fall
ramps. Low pulse width is measured from the 1.4 Volt points of the fall and
rise ramps.
6. Guaranteed by design for nominal XCLK frequencies. May not be production
tested.
Notes on Output Timing:
7. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
8. Output propagation delays are measured with a 50 pF load on the outputs
except on D[7:0] where the load is 100 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com