Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 303 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 303 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 299Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 300Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 301Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 302Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 303Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 304Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 305Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 306Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 307Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
289
agent is driving the signals for this clock cycle). This cycle on the PCI bus is
called the address phase.
During clock 2, the initiator ceases to drive the address onto the AD[31:0] bus
and starts driving the first data word. The initiator also drives the C/BEB[3:0]
lines with the byte enables for the write data. IRDYB is driven active by the
initiator to indicate it is ready to accept the data transfer. The target claims the
transaction by driving DEVSELB active and drives TRDYB to indicate to the
initiator that it is ready to accept the data. All subsequent cycles on the PCI bus
are called data phases.
During clock 3, the target latches in the first data word. The initiator starts to
drive the next data word onto the AD[31:0] lines.
During clock 4, the target latches in the second data word. Both the initiator and
the target indicate that they are not ready to transfer any more data by negating
the ready lines.
During clock 5, the initiator is ready to transfer the next data word so it drives the
AD[31:0] lines with the third data word and asserts IRDYB. The initiator negates
FRAMEB since this is the last data phase of this cycle. The target is still not
ready so a wait state shall be added.
During clock 6, the target is still not ready so another wait state is added.
During clock 7, the target asserts TRDYB to indicate that it is ready to complete
the transfer.
During clock 8, the target latches in the last word and negates TRDYB and
DEVSELB, having seen FRAMEB negated previously. The initiator negates
IRDYB. All of the above signals shall be driven to their inactive state in this clock
cycle except for FRAMEB which shall be tri-stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com